Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS9004ISN16TP Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

No. de pieza TS9004ISN16TP
Descripción Electrónicos  Low-Power Single/Dual-Supply Quad Comparator with Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOUCHSTONE [Touchstone Semiconductor Inc]
Página de inicio  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9004ISN16TP Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TS9004ISN16TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 9Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 10Page - Touchstone Semiconductor Inc TS9004ISN16TP Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS9004
TS9004DS r1p0
Page 7
RTFDS
TOTAL SUPPLY VOLTAGE - V
2.5
3.5
Short-Circuit Source Current vs
Supply Voltage
1.5
4.5
5.5
TOTAL SUPPLY VOLTAGE - V
20
8
Short-Circuit Sink Current vs
Supply Voltage
12
3.63
5.75
1.5
GND CONNECTED TO V-
80
0
120
160
40
200
OUT CONNECTED TO V-
OUT CONNECTED TO V+
7.88
10
16
24
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 5V; V- = GND; TA = +25°C, unless otherwise noted.
SINGLE-SUPPLY VOLTAGE - V
10
Source and Sink Current at Low
Supply Voltages
100
1
SOURCE CURRENT INTO
0.75V LOAD
1.5
2
2.5
SINK CURRENT AT
VOUT = 0.4V


Número de pieza similar - TS9004ISN16TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004ISN16TP TOUCHSTONE-TS9004ISN16TP Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
More results

Descripción similar - TS9004ISN16TP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Touchstone Semiconducto...
TS9004DB TOUCHSTONE-TS9004DB Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
logo
Silicon Laboratories
TS9004 SILABS-TS9004 Datasheet
1Mb / 13P
   Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
   Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
   Single Power Supply Quad Comparator
logo
Linear Technology
LTC1440 LINER-LTC1440_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1442 LINER-LTC1442_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441IS LINER-LTC1441IS Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
LTC1441 LINER-LTC1441_15 Datasheet
258Kb / 16P
   Ultralow Power Single/Dual Comparator with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com