Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1315KZ Datasheet(PDF) 3 Page - HANAMICRON

No. de pieza AD1315KZ
Descripción Electrónicos  High Speed Active Load with Inhibit Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HANAMICRON [HANAMICRON]
Página de inicio  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

AD1315KZ Datasheet(HTML) 3 Page - HANAMICRON

  AD1315KZ Datasheet HTML 1Page - HANAMICRON AD1315KZ Datasheet HTML 2Page - HANAMICRON AD1315KZ Datasheet HTML 3Page - HANAMICRON AD1315KZ Datasheet HTML 4Page - HANAMICRON AD1315KZ Datasheet HTML 5Page - HANAMICRON AD1315KZ Datasheet HTML 6Page - HANAMICRON AD1315KZ Datasheet HTML 7Page - HANAMICRON AD1315KZ Datasheet HTML 8Page - HANAMICRON  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD1315
–3–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
Power Supply Voltage
+VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12 V
–VS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –11 V
Difference from +VS to –VS . . . . . . . . . . . . . . . . . . . . . 16 V
Inputs
Difference from INH to
INH . . . . . . . . . . . . . . . . . . . . . 5 V
INH,
INH . . . . . . . . . . . . . . . . . . +V
S – 13.4 V, –VS + 11 V
VCOM, VDUT . . . . . . . . . . . . . . . +VS – 13.1 V, –VS + 13.2 V
IOL, IOH Program Voltage . . . . . . . . +VS – 15 V, –VS + 15 V
Operating Temperature Range . . . . . . . . . . . . . . . 0 to +70
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 20 sec)
2
. . . . . . . +300
°C
Pin
No.
Symbol
Function
1IOLRTN
Logic Low Current Return
2VCOM
Communication Voltage
3VDUT
Load/Dot Connection
4–VS
Negative Supply
5IOHRTN
Logic High Current Return
6IOLPROG
Logic Low Current Program Voltage
7
LID
Lid Connection (Internal)
8
GND
Ground
9IOHPROG
Logic High Current Program Voltage
10
N/C
No Connection
11
N/C
No Connection
12
N/C
No Connection
13
+VS
Positive Supply
14
INH
Inhibit
15
INH
Inhibit
16
N/C
No Connection
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2To ensure lead coplanarity (
±0.002 inches) and solderability, handling with bare
hands should be avoided and the device should be stored in an environment at
24
°C, ± 5°C (75°F, ±10°F) with relative humidity not to exceed 65%.
CONNECTION DIAGRAM
SUGGESTED PAD LOCATION
Dimensions shown in inches and (mm).
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1315KZ
0 to +70
°C
16-Lead Gull Wing
Z-16B
*Z = Leaded Chip Carrier (Ceramic).


Número de pieza similar - AD1315KZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1317 AD-AD1317 Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
AD1317KZ AD-AD1317KZ Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
More results

Descripción similar - AD1315KZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD53041 AD-AD53041 Datasheet
77Kb / 4P
   High Speed Active Load with Inhibit Mode
REV. A
AD1324 AD-AD1324 Datasheet
549Kb / 12P
   Ultrahigh Speed Pin Driver with Inhibit Mode
AD53040 AD-AD53040 Datasheet
114Kb / 7P
   Ultrahigh Speed Pin Driver with Inhibit Mode
REV. B
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
   ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
logo
Vicor Corporation
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
   12Amp Active ORing Solution With Load Disconnect
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
   PI2002-EVAL1 Active ORing With Load Disconnect
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com