Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1315KZ Datasheet(PDF) 6 Page - HANAMICRON

No. de pieza AD1315KZ
Descripción Electrónicos  High Speed Active Load with Inhibit Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HANAMICRON [HANAMICRON]
Página de inicio  http://www.hanamicron.com
Logo HANAMICRON - HANAMICRON

AD1315KZ Datasheet(HTML) 6 Page - HANAMICRON

  AD1315KZ Datasheet HTML 1Page - HANAMICRON AD1315KZ Datasheet HTML 2Page - HANAMICRON AD1315KZ Datasheet HTML 3Page - HANAMICRON AD1315KZ Datasheet HTML 4Page - HANAMICRON AD1315KZ Datasheet HTML 5Page - HANAMICRON AD1315KZ Datasheet HTML 6Page - HANAMICRON AD1315KZ Datasheet HTML 7Page - HANAMICRON AD1315KZ Datasheet HTML 8Page - HANAMICRON  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD1315
–6–
REV. A
FUNCTIONAL DESCRIPTION
The AD1315 is a complete high speed active load designed for
use in general purpose instrumentation and digital functional
test equipment. The function of the active load is to provide
independently variable source and sink currents for the device to
be tested.
The equivalent circuit for the AD1315 is shown in Figure 11.
An active load performs the function of loading the output of
the device under test with a programmed IOH or IOL. These
currents are independently programmable. VCOM is the commu-
tation voltage point at which the load switches from source to
sink mode. The active load may also be inhibited, steering cur-
rent to the IOLRTN and IOHRTN pins, effectively disconnecting it
from the test pin.
The AD1315 accepts differential digital signals at its inhibit
inputs ensuring precise timing control and high noise immunity.
The wide inhibit input voltage range allows for ECL power
supplies of –5.2 V and 0 V, –3.2 V and +2 V, and 0 V and +5 V.
Where speed and timing accuracy are less important, TTL or
CMOS logic levels may be used to toggle the Inhibit inputs of
the AD1315. Single ended operation is possible by biasing one
of the inputs to approximately +1.3 V for TTL or VCC/2 for
CMOS. Care should be taken to observe the 4 V maximum
allowable input voltage.
The IOH and IOL programming inputs accept 0 V to +5 V analog
inputs, corresponding to 0 to 50 mA output currents. The VCOM
input, which sets the IOH/IOL switch point, may be set anywhere
within the input range of –2 V to +7 V.
Figure 11. Block Diagram
VDUT VOLTAGE RANGE
In Figure 12, VDUT range, IOH and IOL typical current maxi-
mums are plotted versus DUT voltage. In the IOH mode (VDUT
higher than VCOM), the load will sink 50 mA, until its output
starts to saturate at approximately –1.5 V. In the IOL mode
(VDUT lower than VCOM), the load will source 50 mA until its
output starts to saturate at approximately +5.5 V. At +7 V, the
source current will be close to zero.
Figure 12. Allowable Current Range for IOH, IOL vs. VDUT
Ideally, the commutation point set at VCOM would provide in-
stantaneous current sink/source switching. Because of I/V
characteristics of the internal bridge diodes, this is not the case.
To guarantee full current switching at the DUT, at least a 1 volt
difference between VCOM and VDUT must be maintained in
steady state conditions. Because of the relatively fast edge rates
exhibited by typical logic device outputs, this should not be a
problem in normal ATE applications.
INHIBIT MODE LEAKAGE
The AD1315’s inhibit-mode leakage current changes with both
temperature and bias levels. There are two major contributing
effects: transistor reverse-bias collector-base leakage and reverse
leakage in the Schottky-diode bridge. Leakage variations with
VDUT arise primarily from transistor collector-base leakage,
while both effects contribute to leakage current temperature
variations. Inhibit-mode leakage is weakly dependent on VCOM
and decreases slightly as the difference between VDUT and VCOM
is reduced. Figure 8 shows typical AD1315 inhibit leakage cur-
rent as a function of VDUT and temperature.
THERMAL CONSIDERATIONS
The AD1315 is provided in a 0.550"
0.550", 16-lead (bottom
brazed) gull wing, surface mount package with a
θ
JC of 10
°C/W
(typ). Thermal resistance (case-to-ambient) vs. air flow for the
AD1315 in this package is shown in Figure 13. The data pre-
sented is for a ZIF socketed device. For PCB mounted devices
(w/30 mils clearance) the thermal resistance should be ~3 to 7%
lower with air flows below 320 lfm
(1). Notice that the improve-
ment in thermal resistance vs. air flow starts to flatten out just
above 400 lfm(2).
NOTES
1Ifm is air flow in linear feet/minute.
2For convection cooled systems, the minimum recommended airflow is 400 lfm.
Figure 13. Case-to-Ambient Thermal Resistance vs.
Air Flow


Número de pieza similar - AD1315KZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD131 ETC1-AD131 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1317 AD-AD1317 Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
AD1317KZ AD-AD1317KZ Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
More results

Descripción similar - AD1315KZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD53041 AD-AD53041 Datasheet
77Kb / 4P
   High Speed Active Load with Inhibit Mode
REV. A
AD1324 AD-AD1324 Datasheet
549Kb / 12P
   Ultrahigh Speed Pin Driver with Inhibit Mode
AD53040 AD-AD53040 Datasheet
114Kb / 7P
   Ultrahigh Speed Pin Driver with Inhibit Mode
REV. B
AD1322 AD-AD1322_15 Datasheet
3Mb / 12P
   ULTRAHIGH SPEED PIN DRIVER WITH INHIBIT MODE
logo
Vicor Corporation
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
   12Amp Active ORing Solution With Load Disconnect
PI2002-EVAL1 VICOR-PI2002-EVAL1 Datasheet
777Kb / 11P
   PI2002-EVAL1 Active ORing With Load Disconnect
PI2002 VICOR-PI2002 Datasheet
1Mb / 23P
   Active ORing Controller IC with Load Disconnect Feature
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
logo
TelCom Semiconductor, I...
TC4403 TELCOM-TC4403 Datasheet
68Kb / 5P
   1.5A HIGH-SPEED, FLOATING LOAD DRIVER
logo
Microchip Technology
TC4403 MICROCHIP-TC4403_13 Datasheet
283Kb / 16P
   1.5A High-Speed, Floating Load Driver
2002-2012 11/27/12
More results


Html Pages

1 2 3 4 5 6 7 8