Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC717A10AJ Datasheet(PDF) 7 Page - Sanyo Semicon Device

No. de pieza LC717A10AJ
Descripción Electrónicos  Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC717A10AJ Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC717A10AJ Datasheet HTML 3Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 4Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 5Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 6Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 7Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 8Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 9Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 10Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LC717A10AJ
No.A2162-7/11
Package Dimensions
[LC717A10AJ]
unit : mm (typ)
3421
Pin Assignment
Pin No.
Pin Name
Pin No.
Pin Name
1
VDD
16
Cref
2
VSS
17
CrefAdd
3
Non Connect *1
18
Cdrv
4
Cin4
19
INTOUT
5
Cin5
20
SA1
6
Cin6
21
SCL/SCK
7
Cin7
22
SDA/SI
8
Cin8
23
SA0/SO
9
Cin9
24
nCS
10
Cin10
25
nRST
11
Cin11
26
Non Connect *1
12
Cin12
27
Cin0
13
Cin13
28
Cin1
14
Cin14
29
Cin2
15
Cin15
30
Cin3
*1) connect to GND when mounted
SANYO : SSOP30(225mil)
8.0
12
30
0.15
0.22
0.5
(0.5)


Número de pieza similar - LC717A10AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ-NH ONSEMI-LC717A10AJ-NH Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
More results

Descripción similar - LC717A10AJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
LC71F7001PVBS0 ONSEMI-LC71F7001PVBS0 Datasheet
227Kb / 36P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2017 ??Rev. 1
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com