Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC717A10AR Datasheet(PDF) 9 Page - Sanyo Semicon Device

No. de pieza LC717A10AR
Descripción Electrónicos  Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC717A10AR Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC717A10AR Datasheet HTML 3Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 4Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 5Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 6Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 7Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 8Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 9Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 10Page - Sanyo Semicon Device LC717A10AR Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LC717A10AR
No.A2161-9/11
Pin Functions
Pin Name
I/O
Pin Functions
Pin Type
Cin0
I/O
Capacitance sensor input
Cin1
I/O
Capacitance sensor input
Cin2
I/O
Capacitance sensor input
Cin3
I/O
Capacitance sensor input
Cin4
I/O
Capacitance sensor input
Cin5
I/O
Capacitance sensor input
Cin6
I/O
Capacitance sensor input
Cin7
I/O
Capacitance sensor input
Cin8
I/O
Capacitance sensor input
Cin9
I/O
Capacitance sensor input
Cin10
I/O
Capacitance sensor input
Cin11
I/O
Capacitance sensor input
Cin12
I/O
Capacitance sensor input
Cin13
I/O
Capacitance sensor input
Cin14
I/O
Capacitance sensor input
Cin15
I/O
Capacitance sensor input
Cref
I/O
Reference capacitance input
CrefAdd
I/O
Reference capacitance input for addition
R
AMP
VDD
VSS
Buffer
Cdrv
O
Output for capacitance sensors drive
INTOUT
O
Interrupt output
VDD
VSS
Buffer
SCL/SCK
I
Clock input (I
2C)
/ Clock input (SPI)
nCS
I
Interface selection
/ Chip select inverting input (SPI)
nRST
I
External reset signal inverting input
SA1
I
Slave address selection (I
2C)
VDD
VSS
R
SDA/SI
I/O
Data input and output (I
2C)
/ Data input (SPI)
VDD
VSS
R
Continued to the next page.


Número de pieza similar - LC717A10AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC717A10AR ONSEMI-LC717A10AR Datasheet
147Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10AR ONSEMI-LC717A10AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10AR-NH ONSEMI-LC717A10AR-NH Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
More results

Descripción similar - LC717A10AR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A10AJ SANYO-LC717A10AJ Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
LC71F7001PVBS0 ONSEMI-LC71F7001PVBS0 Datasheet
227Kb / 36P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2017 ??Rev. 1
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com