Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD13465 Datasheet(PDF) 9 Page - Analog Devices |
|
AD13465 Datasheet(HTML) 9 Page - Analog Devices |
9 / 20 page REV. 0 AD13465 –9– AMP-IN-X-1 100 100 TO AD8037 AMP-IN-X-2 Figure 2. Single-Ended Input Stage LOADS LOADS ENCODE 10k 10k ENCODE AVCC 10k 10k AVCC AVCC AVCC Figure 3. ENCODE Inputs CURRENT MIRROR CURRENT MIRROR DR OUT DVCC VREF DVCC Figure 4. Digital Output Stage CURRENT MIRROR CURRENT MIRROR D0–D13 100 DVCC VREF DVCC Figure 5. Digital Output Stage THEORY OF OPERATION The AD13465 is a high-dynamic range, 14-bit, 65 MHz pipe- line delay (three pipelines) analog-to-digital converter. The custom analog input section provides input ranges of 1 V p-p and 2 V p-p, and input impedance configurations of 50 Ω, 100 Ω, and 200 Ω. The AD13465 employs four monolithic ADI components per channel (AD8037, AD8138, AD8031, and AD6644), along with multiple passive resistor networks and decoupling capacitors to fully integrate a complete 14-bit analog-to-digital converter. In the single-ended input configuration, the input signal is passed through a precision laser trimmed resistor divider allowing the user to externally select operation with a full-scale signal of ±0.5 V or ±1.0 V by choosing the proper input terminal for the application. The result of the resistor divider is to apply a full-scale input approximately 0.4 V to the noninverting input of the internal AD8037 amplifier. The AD13465 analog input includes an AD8037 amplifier featuring an innovative architecture that maximizes the dynamic range capability on the amplifier’s inputs and outputs. The AD8037 amplifier provides a high-input impedance and gain for driving the AD8138 in a single-ended-to-differential amplifier configuration. The AD8138 has a –3 dB bandwidth at 300 MHz and delivers a differential signal with the lowest harmonic distortion available in a differential amplifier. The AD8138 differential outputs help balance the differential inputs to the AD6644 maximizing the performance of the device. The AD8031 provides the buffer for the internal reference analog-to-digital converter. The internal reference voltage of the AD6644 is designed to track the offsets and drifts and is used to ensure matching over an extended temperature range of opera- tion. The reference voltage is connected to the output common mode input on the AD8138. This reference voltage sets the output common mode on the AD8138 at 2.4 V, which is the midsupply level for the ADC. The AD6644 has complementary analog input pins, AIN and AIN. Each analog input is centered at 2.4 V and should swing ± 0.55 V around this reference. Since AIN and AIN are 180 degrees out of phase, the differential analog input signal is 2.2 V peak-to-peak. Both analog inputs are buffered prior to the first track-and-hold. The AD6644 digital outputs drive 100 Ω series resistors (Figure 5.) The result is a 14-bit parallel digital CMOS-compatible word, coded as two’s complement. USING THE SINGLE-ENDED INPUT The AD13465 has been designed with the user’s ease of opera- tion in mind. Multiple input configurations have been included on board to allow the user a choice of input signal levels and input impedance. The standard inputs are ±0.5 V and ±1.0 V. The user can select the input impedance of the AD13465 on any input by using the other inputs as alternate locations for the GND. The following chart summarizes the impedance options available at each input location. AMP-IN-X-1 = 100 Ω when AMP-IN-X-2 is open. AMP-IN-X-1 = 50 Ω when AMP-IN-X-2 is shorted to GND. AMP-IN-X-2 = 200 Ω when AMP-IN-X-1 is open. Each channel has two analog inputs AMP-IN-A-1 and AMP- IN-A-2 or AMP-IN-B-1 and AMP-IN-B-2. Use AMP-IN-A-1 |
Número de pieza similar - AD13465 |
|
Descripción similar - AD13465 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |