Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJ10021 Datasheet(PDF) 4 Page - Motorola, Inc

No. de pieza MJ10021
Descripción Electrónicos  60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10021 Datasheet(HTML) 4 Page - Motorola, Inc

  MJ10021 Datasheet HTML 1Page - Motorola, Inc MJ10021 Datasheet HTML 2Page - Motorola, Inc MJ10021 Datasheet HTML 3Page - Motorola, Inc MJ10021 Datasheet HTML 4Page - Motorola, Inc MJ10021 Datasheet HTML 5Page - Motorola, Inc MJ10021 Datasheet HTML 6Page - Motorola, Inc MJ10021 Datasheet HTML 7Page - Motorola, Inc MJ10021 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJ10020 MJ10021
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
RBSOA AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 175 V
RL = 5.6 Ω
Pulse Width = 25
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
IB1
1
2
PW Varied to Attain
IC = 100 mA
20
1
5 V
0
2
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
2
TUT
RL
VCC
t1 ≈
Lcoil (ICM)
VCC
t2 ≈
Lcoil (ICM)
VClamp
t1
ICM
tf Clamped
tf
t
t
Vclamp
t2
TIME
VCEM
* Adjust – V such that VBE(off) = 5 V except as required for RBSOA (Figure 14).
tfi
trv
IC
VCE
90% IB1
ICM
VCEM
90% VCEM
90% ICM
10%
ICM
2% IC
IB
tsv
tti
tc
Figure 7. Inductive Switching Measurements
TIME
Figure 8. Typical Peak Reverse Base Current
10
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1.0
2.0
3.0
4.0
8.0
7.0
5.0
3.0
IC = 30 A
IB1 = 1.2 A
VCLAMP = 200 V
TJ = 25°C
9.0
8.0
6.0
4.0
2.0
1.0
7.0
6.0
5.0
Figure 9. Typical Inductive Switching Times
3.2
0
VBE(off), BASE–EMITTER VOLTAGE (VOLTS)
0
1.0
2.0
3.0
4.0
8.0
2.0
1.6
1.2
ICM = 30 A
IC/IB = 25
2.8
2.4
0.8
0.4
7.0
6.0
5.0
2.4
1.5
1.2
0.9
2.1
1.8
0.6
0.3
tsv @ 100°C
tsv @ 25°C
tc @ 100°C
tc @ 25°C
Vclamp
10% VCEM


Número de pieza similar - MJ10021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
MJ10021 MOSPEC-MJ10021 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
ON Semiconductor
MJ10021 ONSEMI-MJ10021 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
New Jersey Semi-Conduct...
MJ10021 NJSEMI-MJ10021 Datasheet
101Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
logo
Continental Device Indi...
MJ10021 CDIL-MJ10021 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
More results

Descripción similar - MJ10021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
Continental Device Indi...
MJ10020 CDIL-MJ10020 Datasheet
1Mb / 10P
   NPN Silicon Power DarligtonTransistor with Base-Emitter Speedup Diode 60 AMPERE, 200 AND 250 VOLTS, 250 WATTS
Rev0
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
BU806 MOTOROLA-BU806 Datasheet
104Kb / 4P
   8.0 AMPERE DARLINGTON NPN POWER TRANSISTORS 60 WATTS 200 VOLTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com