Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD14160BB-4 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD14160BB-4
Descripción Electrónicos  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD14160BB-4 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD14160BB-4 Datasheet HTML 6Page - Analog Devices AD14160BB-4 Datasheet HTML 7Page - Analog Devices AD14160BB-4 Datasheet HTML 8Page - Analog Devices AD14160BB-4 Datasheet HTML 9Page - Analog Devices AD14160BB-4 Datasheet HTML 10Page - Analog Devices AD14160BB-4 Datasheet HTML 11Page - Analog Devices AD14160BB-4 Datasheet HTML 12Page - Analog Devices AD14160BB-4 Datasheet HTML 13Page - Analog Devices AD14160BB-4 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AD14160/AD14160L
–10–
REV. A
Pin
Type
Function
DTy1
O/T
Data Transmit (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D) DT pin
has a 50 k
Ω internal pull-up resistor.
DRy1
I
Data Receive (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D) DR pin
has a 50 k
Ω internal pull-up resistor.
TCLKy1
I/O
Transmit Clock (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D) TCLK
pin has a 50 k
Ω internal pull-up resistor.
RCLKy1
I/O
Receive Clock (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D) RCLK
pin has a 50 k
Ω internal pull-up resistor.
TFSy1
I/O
Transmit Frame Sync (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D)
RFSy1
I/O
Receive Frame Sync (Serial Port 1 individual from SHARC_A, SHARC_B, SHARC_C, SHARC_D)
FLAGy3-0
I/O/A
Flag Pins. (Individual FLAG3-0 from y = SHARC_A, SHARC_B, SHARC_C, SHARC_D) Each is
configured via control bits as either an input or output. As an input, it can be tested as a condition. As an
output, it can be used to signal external peripherals.
IRQy2-0
I/A
Interrupt Request Lines. (Individual
IRQ2-0 from y = SHARC_A, SHARC_B, SHARC_C, SHARC_D)
May be either edge-triggered or level-sensitive.
DMAR1
I/A
DMA Request 1 (DMA Channel 7). Common to SHARC_A, SHARC_B, SHARC_C, SHARC_D.
DMAR2
I/A
DMA Request 2 (DMA Channel 8). Common to SHARC_A, SHARC_B, SHARC_C, SHARC_D.
DMAG1
O/T
DMA Grant 1 (DMA Channel 7). Common to SHARC_A, SHARC_B, SHARC_C, SHARC_D.
DMAG2
O/T
DMA Grant 2 (DMA Channel 8). Common to SHARC_A, SHARC_B, SHARC_C, SHARC_D.
LyxCLK
I/O
Link Port Clock (y = SHARC_A, B, C, D; x = Link Ports 1, 2, 3, 4)
1. Each LyxCLK pin has a 50 k
internal pull-down resistor which is enabled or disabled by the LPDRD bit of the LCOM register, of the
ADSP-20160.
LyxDAT3-0
I/O
Link Port Data (y = SHARC_A, B, C, D; x = Link Ports 1, 2, 3, 4)
1. Each LyxDAT pin has a
50 k
Ω internal pull-down resistor which is enabled or disabled by the LPDRD bit of the LCOM register,
of the ADSP-21060.
LyxACK
I/O
Link Port Acknowledge (y = SHARC_A, B, C, D; x = Link Ports 1, 2, 3, 4)
1. Each LyxACK pin has a
50 k
Ω internal pull-down resistor which is enabled or disabled by the LPDRD bit of the LCOM register,
of the ADSP-21060.
EBOOTA
I
EPROM Boot Select. (SHARC_A) When EBOOTA is high, SHARC_A is configured for booting from
an 8-bit EPROM. When EBOOTA is low, the LBOOTA and
BMSA inputs determine booting mode for
SHARC_A. See the following table. This signal is a system configuration selection which should be hardwired.
LBOOTA
I
Link Boot. When LBOOTA is high, SHARC_A is configured for link port booting. When LBOOTA is
low, SHARC_A is configured for host processor booting or no booting. See the following table. This
signal is a system configuration selection which should be hardwired.
BMSA
I/O/T
2
Boot Memory Select. Output: Used as chip select for boot EPROM devices (when EBOOTA = 1,
LBOOTA = 0). In a multiprocessor system, BMS is output by the bus master. Input: When low, indicates
that no booting will occur and that SHARC_A will begin executing instructions from external memory.
See the following table. This input is a system configuration selection which should be hardwired.
EBOOTBCD
I
EPROM Boot Select. (Common to SHARC_B, SHARC_C, SHARC_D) When EBOOTBCD is high,
SHARC_B, C, D are configured for booting from an 8-bit EPROM. When EBOOTBCD is low, the
LBOOTBCD and BMSBCD inputs determine booting mode for SHARC_B, C and D. See the following
table. This signal is a system configuration selection which should be hardwired.
LBOOTBCD
I
LINK Boot. (Common to SHARC_B, SHARC_C, SHARC_D) When LBOOTBCD is high, SHARC_B, C,
D are configured for link port booting. When LBOOTBCD is low, SHARC_B, C, D are configured for
host processor booting or no booting. See the following table. This signal is a system configuration selec-
tion which should be hardwired.


Número de pieza similar - AD14160BB-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Descripción similar - AD14160BB-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com