Nombre de pieza
         Descripción
MJ11017

 30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJ11017 MJ11021 MJ11018 MJ11022
3
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1.0
0.01
0.01
0.1
1.0
1.0
100
R
θJC(t) = r(t) RθJC
R
θJC(t) = 0.86°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
SINGLE PULSE
1000
D = 0.5
0.2
0.05
DUTY CYCLE, D = t1/t2
Figure 3. Thermal Response
0.05
0.03
0.02
0.07
0.5
0.3
0.2
0.7
0.02
0.03 0.05
0.2
0.3 0.5
2.0
3.0 5.0
200 300
500
10
20
30
50
0.1
0.02
0.01
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
10
20
200
3.0
50
100
Figure 4. Maximum Rated Forward Bias Safe
Operating Area (FBSOA)
0.3
0.2
0
0.5
7.0
30
70
150
dc
0.1 ms
3.0
2.0
1.0
5.0
30
20
10
TJ = 175°C
SECOND BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMITATION @ TC = 25°C
SINGLE PULSE
0.5 ms
1.0 ms
5.0 ms
MJ11017, 18
MJ11021, 22
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 4 is based on TJ(pk) = 175_C, TC is
variable dependIng on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 175_C. TJ(pk) may be calculated from the data in Figure 3.
At high case temperatures thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
20
100
140
260
0
180
220
60
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
0
Figure 5. Maximum RBSOA, Reverse Bias Safe
Operating Area
10
30
L = 200
µH
IC/IB1 ≥ 50
TC = 25°C
VBE(off) 0 – 5.0 V
RBE = 47 Ω
DUTY CYLE = 10%
MJ11017, 18
MJ11021, 22
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be hold to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current conditions during re-
verse biased turn–off. This rating is verified under clamped
conditions so that the device is never subjected to an ava-
lanche mode. Figure 5 gives ROSOA characteristics.
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJ1101230 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS 1 2 3 4 Motorola, Inc
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1102850 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS 1 2 3 4 Motorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ3281A15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc
MJL2119316 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJL3281A15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1002060 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ1500115 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS 1 2 3 4 Motorola, Inc

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl