Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMC-280M Datasheet(PDF) 1 Page - AAEON Technology

No. de pieza AMC-280M
Descripción Electrónicos  7-Slot Wallmount Chassis, Industrial Main Board Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AAEON [AAEON Technology]
Página de inicio  http://www.aaeon.com
Logo AAEON - AAEON Technology

AMC-280M Datasheet(HTML) 1 Page - AAEON Technology

  AMC-280M Datasheet HTML 1Page - AAEON Technology AMC-280M Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Note: All specifications are subject to change without notice.
16-15
16
7-Slot Wallmount Chassis
ATX, Micro ATX Form Factor Motherboard
Standard PS2 AT/ATX Power Up To 400W
3.5” x 2 External Drive Bay
5.25” x 1 External Drive Bay
3.5” x 2 Internal Drive Bay
USB2.0 x 2 and Keyboard Connector x 1 On Front Panel
7-Slot Wallmount Chassis, Industrial Main Board Support
System
Construction
Heavy-duty Steel
Storage
External:
3.5” Drive Bay x 2
5.25” Drive Bay x 1
Internal:
Up to 3.5” Drive Bay x 2
System Fan
12cm Ball Bearing Fan with Removable Filter x 1
Front Panel
Power ON/OFF Switch x 1
Reset Button x 1
Power ON LED x 1
Hard Disk Drive Active LED x 1
PS/2 Keyboard Connector x 1
USB x 2
Rear Panel
I/O Bracket provided by motherboard mfg
Color
White
Dimensions
7.7” (W) x 15.9” (D) x 13” (H) (196mm x 405mm x 330mm)
Carton Size
11.1” (W) x 20.3” (D) x 18” (H) (281mm x 515mm x 457mm)
Net Weight
19.8 lb (9 kg)
Gross Weight
22 lb (10 kg)
Environmental
Operating Temperature
32°F ~ 122°F (0°C ~ 50°C)
Storage Temperature
-4°F ~ 176°F (-20°C ~ 80°C)
Operating Humidity
10 ~ 90%
Storage Humidity
10 ~ 90% @ 40°C, non-condensing
Vibration
0.5 g rms/ 5 ~ 500 Hz/ operation
Shock
15 G peak acceleration (11 m sec. duration), operation
EMC
CE/ FCC Class A
USB x 2
CD-ROM/ Disk Drive (5.25”)
x 2
Fan with Filter
Reset x 1
Power LED & Hard Disk Drive
LED x 1
Power Switch
PS/2 Keyboard Connector
I/O With Bracket
PS2 Standard Power
Supports 7-slot
AMC-280M


Número de pieza similar - AMC-280M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AAEON Technology
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
   8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
More results

Descripción similar - AMC-280M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AAEON Technology
ARC-645M AAEON-ARC-645M Datasheet
354Kb / 2P
   4U Rackmount Chassis, Industrial Main Board Support
ARC-640M AAEON-ARC-640M Datasheet
334Kb / 2P
   4U Rackmount Chassis, Industrial Main Board Support
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
AEC-204 AAEON-AEC-204 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
logo
Protech Systems Co., Lt...
PCH-W204 PROTECHSYSTEMS-PCH-W204 Datasheet
96Kb / 1P
   4-slot Wallmount Chassis
logo
AAEON Technology
AMC-250 AAEON-AMC-250 Datasheet
221Kb / 2P
   5-Slot Wallmount Chassis
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
logo
Axiomtek Co., Ltd.
AX6033 AXIOMTEK-AX6033 Datasheet
186Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60501 AXIOMTEK-AX60501 Datasheet
208Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
   Desktop or wallmount industrial computer chassis
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com