Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1847JP Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD1847JP
Descripción Electrónicos  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1847JP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1847JP Datasheet HTML 3Page - Analog Devices AD1847JP Datasheet HTML 4Page - Analog Devices AD1847JP Datasheet HTML 5Page - Analog Devices AD1847JP Datasheet HTML 6Page - Analog Devices AD1847JP Datasheet HTML 7Page - Analog Devices AD1847JP Datasheet HTML 8Page - Analog Devices AD1847JP Datasheet HTML 9Page - Analog Devices AD1847JP Datasheet HTML 10Page - Analog Devices AD1847JP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD1847
REV. B
–7–
Miscellaneous
Pin Name
PLCC
TQFP
I/O
Description
XTAL1I
40
34
I
24.576 MHz Crystal #1 Input.
XTAL1O
41
35
O
24.576 MHz Crystal #1 Output.
XTAL2I
42
36
I
16.9344 MHz Crystal #2 Input.
XTAL2O
43
37
O
16.9344 MHz Crystal #2 Output.
XCTL1:O
37 & 36
31 & 30
O
External Control. These TTL signals reflect the current status of register bits inside the
AD1847. They can be used for signaling or to control external logic.
VREF
16
10
O
Voltage Reference. Nominal 2.25 volt reference available externally as a voltage datum
for dc-coupling and level-shifting. VREF should not have any signal dependent load.
VREFI
15
9
I
Voltage Reference Internal. Voltage reference filter point for external bypassing only.
L_FILT
21
15
I
Left Channel Filter Capacitor. This pin requires a 1.0
µF capacitor to analog ground
for proper operation.
R_FILT
19
13
I
Right Channel Filter Capacitor. This pin requires a 1.0
µF capacitor to analog ground
for proper operation.
NC
29
23
No Connect. Do not connect.
Power Supplies
Pin Name
PLCC
TQFP
I/O
Description
VCC
13 & 25
7 & 19
I
Analog Supply Voltage (+5 V).
GNDA
14, 20, 24
8, 14, 18
I
Analog Ground.
VDD
2, 9, 34, 39
40, 3, 28, 33
I
Digital Supply Voltage (+5 V).
GNDD
3, 10, 35, 38
41, 4, 29, 32
I
Digital Ground.
(Continued from page 1)
The
∑∆ DACs are preceded by a digital interpolation filter. An
attenuator provides independent user volume control over each
DAC channel. Nyquist images are removed from the DACs’
analog stereo output by on-chip switched-capacitor and
continuous-time filters. Two stereo pairs of auxiliary line-level
inputs can also be mixed in the analog domain with the DAC
output.
The AD1847 serial data interface uses a Time Division Multi-
plex (TDM) scheme that is compatible with DSP serial ports
configured in Multi-Channel Mode with 32 16-bit time slots
(i.e., SPORT0 on the ADSP-2101, ADSP-2115, etc.).
AUDIO FUNCTIONAL DESCRIPTION
This section overviews the functionality of the AD1847 and is
intended as a general introduction to the capabilities of the de-
vice. As much as possible, detailed reference information has
been placed in “Control Registers” and other sections. The user
is not expected to refer repeatedly to this section.
Analog Inputs
The AD1847 SoundPort Stereo Codec accepts stereo line-level
inputs. All inputs should be capacitively coupled (ac-coupled) to
the AD1847. LINE1, LINE2, and AUX1, and post-mixed DAC
output analog stereo signals are multiplexed to the internal pro-
grammable gain amplifier (PGA) stage.
The PGA following the input multiplexer allows independent
selectable gains for each channel from 0 to 22.5 dB in +1.5 dB
steps. The Codec can operate either in a global stereo mode or
in a global mono mode with left-channel inputs appearing at
both channel outputs.
Analog Mixing
AUX1 and AUX2 analog stereo signals can be mixed in the ana-
log domain with the DAC output. Each channel of each auxil-
iary analog input can be independently gained/attenuated from
+12 dB to –34.5 dB in –1.5 dB steps or completely muted. The
post-mixed DAC output is available on L_OUT and R_OUT
externally and as an input to the ADCs.
Even if the AD1847 is not playing back data from its DACs, the
analog mix function can still be active.
Analog-to-Digital Datapath
The
∑∆ ADCs incorporate a proprietary fourth-order modula-
tor. A single pole of passive filtering is all that is required for
antialiasing the analog input because of the ADC’s high 64
times oversampling ratio. The ADCs include digital decimation
filters that low-pass filter the input to 0.4
FS. (“FS’’ is the
word rate or “sampling frequency.”) ADC input overrange con-
ditions will cause status bits to be set that can be read.
Digital-to-Analog Datapath
The
∑∆ DACs contain a programmable attenuator and a low-
pass digital interpolation filter. The anti-imaging interpolation
filter oversamples and digitally filters the higher frequency im-
ages. The attenuator allows independent control of each DAC
channel from 0 dB to –94.5 dB in 1.5 dB steps plus full mute.
The DACs’
∑∆ noise shapers also oversample and convert the
signal to a single-bit stream. The DAC outputs are then filtered
in the analog domain by a combination of switched-capacitor
and continuous-time filters. These filters remove the very high
frequency components of the DAC bitstream output. No exter-
nal components are required.


Número de pieza similar - AD1847JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
More results

Descripción similar - AD1847JP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com