Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1895YRSRL Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD1895YRSRL
Descripción Electrónicos  192 kHz Stereo Asynchronous Sample Rate Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1895YRSRL Datasheet(HTML) 5 Page - Analog Devices

  AD1895YRSRL Datasheet HTML 1Page - Analog Devices AD1895YRSRL Datasheet HTML 2Page - Analog Devices AD1895YRSRL Datasheet HTML 3Page - Analog Devices AD1895YRSRL Datasheet HTML 4Page - Analog Devices AD1895YRSRL Datasheet HTML 5Page - Analog Devices AD1895YRSRL Datasheet HTML 6Page - Analog Devices AD1895YRSRL Datasheet HTML 7Page - Analog Devices AD1895YRSRL Datasheet HTML 8Page - Analog Devices AD1895YRSRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. B
–5–
AD1895
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1895 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
POWER SUPPLIES (VDD_CORE = 3.3 V
5%, VDD_IO = 5.0 V
10%)
Parameter
Min
Typ
Max
Unit
TOTAL ACTIVE POWER DISSIPATION
48 kHz: 48 kHz
65
mW
96 kHz: 96 kHz
85
mW
192 kHz: 192 kHz
132
mW
TOTAL POWER-DOWN DISSIPATION (RESET LOW)
2mW
Specifications subject to change without notice.
TEMPERATURE RANGE
Parameter
Min
Typ
Max
Unit
Specifications Guaranteed
25
°C
Functionality Guaranteed
–40
+105
°C
Storage
–55
+150
°C
Thermal Resistance,
θ
JA (Junction to Ambient)
109
°C/W
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Parameter
Min
Max
Unit
POWER SUPPLIES
VDD_CORE
–0.3
+3.6
V
VDD_IO
–0.3
+6.0
V
DIGITAL INPUTS
Input Current
±10
mA
Input Voltage
DGND – 0.3
VDD_IO + 0.3
V
AMBIENT TEMPERATURE (OPERATING)
–40
+105
°C
*Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1895AYRS
–40
°C to +105°C
28-Lead SSOP
RS-28
AD1895AYRSRL
–40
°C to +105°C
28-Lead SSOP
RS-28 on 13" Reel


Número de pieza similar - AD1895YRSRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results

Descripción similar - AD1895YRSRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1_16 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
logo
Cirrus Logic
CS8421 CIRRUS-CS8421_06 Datasheet
658Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_09 Datasheet
563Kb / 38P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421_10 Datasheet
674Kb / 36P
   32-bit, 192-kHz Asynchronous Sample Rate Converter
CS8421 CIRRUS-CS8421 Datasheet
646Kb / 36P
   32-bit, 192 kHz Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com