Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1101 Datasheet(PDF) 3 Page - Transcom, Inc.

No. de pieza TC1101
Descripción Electrónicos  Low Noise and Medium Power GaAs FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1101 Datasheet(HTML) 3 Page - Transcom, Inc.

  TC1101 Datasheet HTML 1Page - Transcom, Inc. TC1101 Datasheet HTML 2Page - Transcom, Inc. TC1101 Datasheet HTML 3Page - Transcom, Inc. TC1101 Datasheet HTML 4Page - Transcom, Inc. TC1101 Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TC1101
REV6_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
3/5
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9879
-20.21
4.3485
162.66
0.0296
77.08
0.7367
-11.76
3
0.9740
-29.96
4.2452
154.28
0.0434
70.91
0.7235
-17.37
4
0.9564
-39.31
4.1126
146.20
0.0560
65.04
0.7068
-22.68
5
0.9364
-48.20
3.9594
138.48
0.0674
59.53
0.6877
-27.66
6
0.9152
-56.56
3.7943
131.15
0.0774
54.40
0.6676
-32.28
7
0.8939
-64.40
3.6242
124.22
0.0861
49.66
0.6472
-36.54
8
0.8732
-71.72
3.4546
117.66
0.0937
45.29
0.6276
-40.46
9
0.8536
-78.52
3.2894
111.45
0.1002
41.27
0.6090
-44.06
10
0.8354
-84.84
3.1312
105.57
0.1058
37.57
0.5919
-47.37
11
0.8188
-90.72
2.9813
99.99
0.1106
34.16
0.5764
-50.43
12
0.8037
-96.18
2.8406
94.68
0.1148
31.00
0.5627
-53.28
13
0.7901
-101.25
2.7092
89.60
0.1183
28.08
0.5506
-55.93
14
0.7780
-105.98
2.5868
84.74
0.1214
25.36
0.5402
-58.41
15
0.7671
-110.39
2.4731
80.07
0.1241
22.82
0.5313
-60.76
16
0.7575
-114.51
2.3676
75.57
0.1264
20.44
0.5239
-62.99
17
0.7491
-118.37
2.2697
71.21
0.1284
18.20
0.5179
-65.12
18
0.7416
-121.99
2.1788
66.99
0.1302
16.08
0.5132
-67.16
* The data does not include gate, drain and source bond wires.
TYPICAL SCATTERING PARAMETERS
(TA=25 °°°°C) VDS = 6 V, IDS = 25 mA
0
15
30
4
5
6
0
7
5
9
0
1
0
5
1
2
0
1
3
5
15
0
165
-180
-16
5
-1
50
-
1
3
5
-
1
2
0
-
1
0
5
-
9
0
-
7
5
-
6
0
-
4
5
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
5
1
Per Div
S21
0
1
.
0
1
.
0
-
1
.
0
1
0
.
0
10.
0
-
1
0
.
0
5
.
0
5.
0
-
5
.
0
2
.
0
2
.
0
-
2
.
0
3
.
0
3
.
0
-
3
.
0
4
.
0
4.
0
-
4
.
0
0
.
2
0
.
2
-0
.2
0
.
4
0
.
4
-
0
.
4
0
.
6
0
.
6
-
0
.
6
0
.
8
0
.
8
-
0
.
8
Swp Max
18GHz
Swp Min
2GHz
S22
0
1
.
0
1
.
0
-
1
.
0
1
0
.
0
10.
0
-
1
0
.
0
5
.
0
5.
0
-
5
.
0
2
.
0
2
.
0
-
2
.
0
3
.
0
3
.
0
-
3
.
0
4
.
0
4.
0
-
4
.
0
0
.
2
0
.
2
-0
.2
0
.
4
0
.
4
-
0
.
4
0
.
6
0
.
6
-
0
.
6
0
.
8
0
.
8
-
0
.
8
Swp Max
18GHz
Swp Min
2GHz
S11
0
15
30
4
5
6
0
7
5
9
0
1
0
5
1
2
0
1
3
5
15
0
165
-180
-16
5
-1
50
-
1
3
5
-
1
2
0
-
1
0
5
-
9
0
-
7
5
-
6
0
-
4
5
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
0.1
0.01
Per Div
S12


Número de pieza similar - TC1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results

Descripción similar - TC1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com