Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1101 Datasheet(PDF) 4 Page - Transcom, Inc.

No. de pieza TC1101
Descripción Electrónicos  Low Noise and Medium Power GaAs FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1101 Datasheet(HTML) 4 Page - Transcom, Inc.

  TC1101 Datasheet HTML 1Page - Transcom, Inc. TC1101 Datasheet HTML 2Page - Transcom, Inc. TC1101 Datasheet HTML 3Page - Transcom, Inc. TC1101 Datasheet HTML 4Page - Transcom, Inc. TC1101 Datasheet HTML 5Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TC1101
REV6_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
4/5
FREQUENCY
S11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.9861
-22.03
5.2729
161.97
0.0218
76.68
0.7718
-10.24
3
0.9704
-32.59
5.1264
153.31
0.0318
70.37
0.7586
-15.08
4
0.9507
-42.66
4.9406
145.03
0.0408
64.44
0.7422
-19.62
5
0.9288
-52.16
4.7291
137.18
0.0488
58.94
0.7239
-23.82
6
0.9059
-61.05
4.5045
129.78
0.0558
53.89
0.7050
-27.69
7
0.8834
-69.32
4.2765
122.83
0.0618
49.28
0.6865
-31.23
8
0.8618
-76.97
4.0524
116.31
0.0669
45.10
0.6690
-34.49
9
0.8418
-84.05
3.8370
110.19
0.0712
41.30
0.6530
-37.49
10
0.8234
-90.59
3.6330
104.41
0.0749
37.85
0.6386
-40.28
11
0.8068
-96.63
3.4418
98.96
0.0781
34.72
0.6260
-42.90
12
0.7919
-102.23
3.2639
93.79
0.0807
31.86
0.6150
-45.37
13
0.7786
-107.40
3.0990
88.86
0.0830
29.24
0.6057
-47.73
14
0.7668
-112.21
2.9466
84.16
0.0850
26.83
0.5978
-49.99
15
0.7564
-116.69
2.8058
79.65
0.0867
24.60
0.5913
-52.18
16
0.7471
-120.86
2.6758
75.31
0.0882
22.54
0.5861
-54.32
17
0.7389
-124.76
2.5557
71.12
0.0895
20.62
0.5821
-56.41
18
0.7316
-128.41
2.4446
67.06
0.0906
18.82
0.5790
-58.46
*The data does not include gate, drain and source bond wires.
SMALL SIGNAL MODEL, VDS = 2 V, IDS = 10 mA
0
15
30
4
5
6
0
7
5
9
0
1
0
5
1
2
0
1
3
5
15
0
165
-180
-16
5
-1
50
-
1
3
5
-
1
2
0
-
1
0
5
-
9
0
-
7
5
-
6
0
-
4
5
-3
0
-15
Swp Max
18 GHz
Swp Min
2 GHz
Mag Max
6
2
Per Div
S21
0
1
.
0
1
.
0
-
1
.
0
1
0
.
0
10.
0
-
1
0
.
0
5
.
0
5.
0
-
5
.
0
2
.
0
2
.
0
-
2
.
0
3
.
0
3
.
0
-
3
.
0
4
.
0
4.
0
-
4
.
0
0
.
2
0
.
2
-0
.2
0
.
4
0
.
4
-
0
.
4
0
.
6
0
.
6
-
0
.
6
0
.
8
0
.
8
-
0
.
8
Swp Max
18GHz
Swp Min
2GHz
S22


Número de pieza similar - TC1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
More results

Descripción similar - TC1101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301 TRANSCOM-TC1301 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com