Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1102 Datasheet(PDF) 4 Page - Transcom, Inc.

No. de pieza TC1102
Descripción Electrónicos  Super Low Noise GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1102 Datasheet(HTML) 4 Page - Transcom, Inc.

  TC1102 Datasheet HTML 1Page - Transcom, Inc. TC1102 Datasheet HTML 2Page - Transcom, Inc. TC1102 Datasheet HTML 3Page - Transcom, Inc. TC1102 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TC1102
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
4/4
SMALL SIGNAL MODEL, VDS = 2 V, IDS = 10 mA
SCHEMATIC
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.038 nH
Rs
1.7200 Ohm
Rg
0.970 Ohm
Ls
0.0010 nH
Cgs
0.222 pF
Cds
0.0610 pF
Ri
1.780 Ohm
Rds
328.00 Ohm
Cgd
0.027 pF
Rd
1.6980 Ohm
Gm
53.30 mS
Ld
0.0229 nH
T
1.490 psec
CHIP HANDLING
DIE ATTACHMENT: Conductive epoxy or eutectic die attach is recommended. Eutectic die attach can be
accomplished with Au-Sn (80%Au-20%Sn) perform at stage temperature: 290°C ± 5°C; Handling Tool: Tweezers;
Time: less than 1min.
WIRE BONDING: The recommended wire bond method is thermocompression bonding with 0.7 to 1.0 mil (0.018
to 0.025 mm) gold wire. Stage temperature: 220°C to 250°C; Bond Tip Temperature: 150°C; Bond Force: 20 to 30
gms depending on size of wire and Bond Tip Temperature.
HANDLING PRECAUTIONS: The user must operate in a clean, dry environment. Care should be exercised
during handling avoid damage to the devices. Electrostatic Discharge (ESD) precautions should be observed at all
stages of storage, handling, assembly, and testing. The static discharge must be less than 300V.


Número de pieza similar - TC1102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
   Super Low Noise GaAs FETs
logo
PREMO CORPORATION S.L
TC1102 PREMO-TC1102 Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
TC1102-35000J PREMO-TC1102-35000J Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
TC1102-46000J PREMO-TC1102-46000J Datasheet
164Kb / 1P
   SMD Telecoil 10.5x1.4x2mm
TC1102 PREMO-TC1102_14 Datasheet
164Kb / 1P
   SMD Telecoil 10.5X1, 4X2 mm
More results

Descripción similar - TC1102

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
   Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC1202 TRANSCOM-TC1202 Datasheet
173Kb / 4P
   Super Low Noise GaAs FETs
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
   Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
   Low Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
   Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
   Low Noise GaAs FETs
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
   LOW-NOISE GaAs FETS
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com