Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1202 Datasheet(PDF) 2 Page - Transcom, Inc.

No. de pieza TC1202
Descripción Electrónicos  Super Low Noise GaAs FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1202 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC1202 Datasheet HTML 1Page - Transcom, Inc. TC1202 Datasheet HTML 2Page - Transcom, Inc. TC1202 Datasheet HTML 3Page - Transcom, Inc. TC1202 Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC1202
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
2 / 4
ABSOLUTE MAXIMUM RATINGS (TA=25
°°°°C) TYPICAL NOISE PARAMETERS (TA=25 °°°°C)
VDS = 4 V, IDS = 25 mA
Symbol
Parameter
Rating
VDS
Drain-Source Voltage
5 V
VGS
Gate-Source Voltage
-3.0 V
IDS
Drain Current
IDSS
IGS
Gate Current
300
µA
Pin
RF Input Power, CW
20 dBm
PT
Continuous Dissipation
400 mW
TCH
Channel Temperature
175
°C
TSTG
Storage Temperature
- 65
°C to +175 °C
Γopt
Frequency
(GHz)
NFopt
(dB)
GA
(dB)
MAG
ANG
Rn/50
2
0.31
20.6
0.90
10
0.64
4
0.37
17.2
0.81
20
0.45
6
0.41
14.8
0.74
37
0.35
8
0.47
13.1
0.69
57
0.29
10
0.52
12.1
0.64
77
0.24
12
0.58
11.4
0.58
95
0.20
14
0.71
10.8
0.55
113
0.16
16
0.88
10.4
0.52
130
0.11
18
1.04
9.9
0.51
151
0.08
CHIP DIMENSIONS
Units: Micrometers
Gate Pad: 55 x 60
Chip Thickness: 100
Drain Pad: 55 x 60
Source Pad: 55 x 169
S
S
G
D
280±±±± 12
290±±±± 12


Número de pieza similar - TC1202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
More results

Descripción similar - TC1202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
TC1102 ETC2-TC1102 Datasheet
109Kb / 4P
   Super Low Noise GaAs FETs
TC1202 ETC2-TC1202 Datasheet
111Kb / 4P
   Super Low Noise GaAs FETs
logo
Transcom, Inc.
TC1102 TRANSCOM-TC1102 Datasheet
243Kb / 4P
   Super Low Noise GaAs FETs
logo
Mimix Broadband
CFB0103 MIMIX-CFB0103 Datasheet
1Mb / 3P
   Low-Noise GaAs FETs
CFA0103 MIMIX-CFA0103_06 Datasheet
987Kb / 2P
   Low Noise GaAs FETs
CFA0103 MIMIX-CFA0103 Datasheet
981Kb / 2P
   Low Noise GaAs FETs
CFB0103 MIMIX-CFB0103_06 Datasheet
654Kb / 2P
   Low Noise GaAs FETs
logo
List of Unclassifed Man...
CFA0103 ETC1-CFA0103 Datasheet
469Kb / 2P
   LOW-NOISE GaAs FETS
logo
Transcom, Inc.
TC2201 TRANSCOM-TC2201 Datasheet
159Kb / 4P
   Plastic Packaged Low Noise PHEMT GaAs FETs
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com