Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1501N Datasheet(PDF) 4 Page - Transcom, Inc.

No. de pieza TC1501N
Descripción Electrónicos  1W High Linearity and High Efficiency GaAs Power FETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRANSCOM [Transcom, Inc.]
Página de inicio  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1501N Datasheet(HTML) 4 Page - Transcom, Inc.

  TC1501N Datasheet HTML 1Page - Transcom, Inc. TC1501N Datasheet HTML 2Page - Transcom, Inc. TC1501N Datasheet HTML 3Page - Transcom, Inc. TC1501N Datasheet HTML 4Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TC1501N
REV4_20070502
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
4 / 4
Cgs
Cgd
Cds
Rg
Rd
Rdb
Ris
Rs
Id
Lg
Ld
Ls
Cbs
Rid
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.0377 nH
Rs
0.965 Ohm
Rg
0.69 Ohm
Ls
0.0254 nH
Cgs
3.6
pF
Cds
0.439
pF
Ri
1.18 Ohm
Rds
73.1 Ohm
Cgd
0.213
pF
Rd
0.937 Ohm
Gm
407.7 mS
Ld
0.008 nH
T
3.9 psec
LARGE SIGNAL MODEL, VDS = 8 V, IDS = 240 mA
SCHEMATI
TOM2 MODEL PARAMETERS
VTO
-2.364 V
VMAX
0.5 V
ALPHA
10.67
CGD
0.213 pF
BETA
0.543
CGS
6.712 pF
GAMMA
0.0195
CDS
0.444 pF
DELTA
0.0848
RIS
1.288 Ohm
Q
0.83
RID
0.0001 Ohm
NG
0.1
VBR
15 V
ND
0.01
RDB
54.633 Ohm
TAU
3.9 ps
CBS
14.433 pF
RG
1.071 Ohm TNOM
25
°C
RD
0.92 Ohm LS
0.0254 nH
RS
0.965 Ohm LG
0.0377 nH
IS
1E-11 mA
LD
0.0078 nH
N
1
AFAC
1
VBI
1 V
NFING
1
VDELTA
0.2 V


Número de pieza similar - TC1501N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
More results

Descripción similar - TC1501N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transcom, Inc.
TC1504N TRANSCOM-TC1504N Datasheet
186Kb / 6P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1501 TRANSCOM-TC1501 Datasheet
179Kb / 5P
   1W High Linearity and High Efficiency GaAs Power FETs
TC1601 TRANSCOM-TC1601 Datasheet
108Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1801 TRANSCOM-TC1801 Datasheet
109Kb / 3P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1404N TRANSCOM-TC1404N Datasheet
73Kb / 3P
   0.5W High Linearity and High Efficiency GaAs Power FETs
TC1606N TRANSCOM-TC1606N Datasheet
67Kb / 2P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1806 TRANSCOM-TC1806 Datasheet
158Kb / 4P
   5W High Linearity and High Efficiency GaAs Power FETs
TC1606 TRANSCOM-TC1606 Datasheet
150Kb / 4P
   2W High Linearity and High Efficiency GaAs Power FETs
TC1706 TRANSCOM-TC1706 Datasheet
135Kb / 4P
   3 W High Linearity and High Efficiency GaAs Power FETs
TC1401N TRANSCOM-TC1401N Datasheet
175Kb / 5P
   0.5 W High Linearity and High Efficiency GaAs Power FETs
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com