Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD2S100 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD2S100
Descripción Electrónicos  AC Vector Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD2S100 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD2S100 Datasheet HTML 4Page - Analog Devices AD2S100 Datasheet HTML 5Page - Analog Devices AD2S100 Datasheet HTML 6Page - Analog Devices AD2S100 Datasheet HTML 7Page - Analog Devices AD2S100 Datasheet HTML 8Page - Analog Devices AD2S100 Datasheet HTML 9Page - Analog Devices AD2S100 Datasheet HTML 10Page - Analog Devices AD2S100 Datasheet HTML 11Page - Analog Devices AD2S100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD2S100
REV. A
–8–
TIMING DIAGRAMS
Busy Output
The state of converter is indicated by the state of the BUSY out-
put (Pin 44). The BUSY output will go HI at the negative edge
of the STROBE input. This is used to synchronize digital input
data and load the digital angular rotation information into the
device counter. The BUSY output will remain HI for 2
µs, and
go LO until the next strobe negative edge occurs.
Strobe Input
The width of the positive STROBE pulse should be at least
100 ns, in order to successfully start the conversion. The maxi-
mum frequency of STROBE input is 366 kHz, i.e., there should
be at least 2.73
µs from the negative edge of one STROBE pulse
to the next rising edge. This is illustrated by the following tim-
ing diagram and table.
t1
t2
t3
t4
STROBE
BUSY
tf
tr
Figure 7. AD2S100 Timing Diagram
Note: Digital data should be stable 25 ns before and after posi-
tive strobe edge.
Table II. AD2S100 Timing Table
Parameter
Min
Typ
Max
Condition
t1
100 ns
STROBE Pulse Width
t2
30 ns
STROBE
↓ to BUSY ↑
t3
1.7
µs
2.5
µs
BUSY Pulse Width
t4
100 ns
BUSY
↓ to STROBE ↑
tr
20 ns
BUSY Pulse Rise Time
with No Load
150 ns
BUSY Pulse Rise Time
with 68 pF Load
tf
10 ns
BUSY Pulse Fall Time
with No Load
120 ns
BUSY Pulse Fall Time
with 68 pF Load
TYPICAL CIRCUIT CONFIGURATION
Figure 8 shows a typical circuit configuration for the AD2S100
in a three phase, nominal level input mode (MODE2).
AD2S100
TOP VIEW
141
38
30
27
23
12
16
LSB
10µF
100nF
10µF
100nF
–5V
+5V
GND
MSB
PH/OP1
PH/OP3
PH/OP2
AGND
PH/IP4
PH/IP3
PH/IP2
PH/IP1
34
Figure 8. Typical Circuit Configuration
APPLICATIONS
Forward and ReverseTransformation
The AD2S100 can perform both forward and reverse transfor-
mations. The section “Theory of Operation” explains how the
chip operates with the core operator e
+j
φ, which performs a for-
ward transformation. The reverse transformation, e
–j
φ, is not
mentioned in the above sections of the data sheet simply to
avoid the confusion in the functionality and pinout. However,
the reverse transformation is very useful in many different appli-
cations, and the AD2S100 can be easily configured in a reverse
transformation configuration. Figure 9 shows four different
phase input/output connections for AD2S100 reverse transfor-
mation operation.
–1
3 PHASE – 3 PHASE
e–jφ
–1
e+jφ
e+jφ
e+jφ
e+jφ
2 PHASE – 2 PHASE
2 PHASE – 3 PHASE
3 PHASE – 2 PHASE
FORWARD
TRANSFORMATION
AD2S100
REVERSE
TRANSFORMATION
AD2S100
Cos
θ
Sin
θ
Cos(
θ +φ)
Cos(
θ + φ + 120°)
Cos(
θ + φ + 240°)
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos
θ
Sin
θ
Cos
θ
Cos
θ
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos(
θ + φ)
Sin(
θ + φ)
Cos(
θ + φ)
Cos(
θ + φ + 120°)
Cos(
θ + φ + 240°)
Cos(
θ + φ)
Sin(
θ + φ)
Cos
θ
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos(
θ – φ)
Cos(
θ – φ + 120°)
Cos(
θ – φ + 240°)
Cos(
θ – φ)
Cos(
θ – φ + 120°)
Cos(
θ – φ + 240°)
Cos
θ
Sin
θ
Cos(
θ – φ)
Sin(
θ – φ)
Cos
θ
Sin
θ
Cos
θ
Cos(
θ + 120°)
Cos(
θ + 240°)
Cos(
θ – φ)
Sin(
θ – φ)
e–jφ
e–jφ
e–jφ
Figure 9. Reverse Transformation Connections


Número de pieza similar - AD2S100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
More results

Descripción similar - AD2S100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
logo
NXP Semiconductors
TDA9178 PHILIPS-TDA9178 Datasheet
227Kb / 36P
   YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
1999 Sep 24
logo
List of Unclassifed Man...
BITSYG5 ETC2-BITSYG5 Datasheet
1Mb / 2P
   Vector Floating Point co-processor Hardware MPEG video encoder
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com