Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE24C512DP+UH Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

No. de pieza ACE24C512DP+UH
Descripción Electrónicos  Two-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C512DP+UH Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE24C512DP+UH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C512DP+UH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ACE24C512
Two-wire Serial EEPROM
VER 1.4
5
AC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +5.5V, CL = 100 pF (unless otherwise
noted). Test conditions are listed in Note2.
Symbol
Parameter
1.7-volt
2.5-volt
5.5-volt
Units
Min Max Min Max Min Max
fSCL
Clock Frequency, SCL
400
1000
1000
kHz
TLOW
Clock Pulse Width Low
1300
400
400
ns
THIGH
Clock Pulse Width High
600
400
400
ns
Ti
1
Noise Suppression Time
100
50
50
TAA
Clock Low to Data Out Valid
20
900
20
550
20
550
ns
TBUF
1
Time the bus must be free before a new
transmission can Start
1300
500
500
ns
THD.STA
Start Hold Time
600
250
250
ns
TSU.STA
Start Setup Time
600
250
250
ns
THD.DAT
Data In Hold Time
0
0
0
ns
TSU.DAT
Data In Setup Time
100
100
100
ns
TR
Inputs Rise Time
300
300
300
ns
TF
Inputs Fall Time
300
100
100
ns
TSU.STO
Stop Setup Time
600
250
250
ns
TDH
Data Out Hold Time
20
20
20
ns
TWR
Write Cycle Time
5
5
5
ms
Endurance
1
3.3V, 25℃, Page Mode
1,000,000
Write
Cycles
Notes:1. This parameter is characterized and not 100% tested.
2.AC measurement conditions:
RL (connects to Vcc): 1.3kΩ
Input pulse voltages: 0.3 Vcc to 0.7 Vcc
Input rise and fall times: ≦50 ns
Input and output timing reference voltages: 0.5Vcc


Número de pieza similar - ACE24C512DP+UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE24C512B ACE-ACE24C512B Datasheet
1Mb / 17P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512C ACE-ACE24C512C Datasheet
1Mb / 18P
   Two-wire serial EEPROM
VER 1.1
More results

Descripción similar - ACE24C512DP+UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com