Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ACE705225BN+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

No. de pieza ACE705225BN+H
Descripción Electrónicos  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ACE [ACE Technology Co., LTD.]
Página de inicio  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705225BN+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE705225BN+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705225BN+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ACE705
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
4
Electrical Characteristics
Default condition (unless otherwise provided): Vin=0.6xVout, Iout=10mA.Temperature=25℃. Use external circuit in test circuit
list.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
Vout
2.45
2.5
2.55
V
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Input Voltage
Vin
12
V
Input Current * (no
load)
Lin
Iout=0mA, Vin=Vout*0.6
20
25
uA
Quiescent current *
IDD
No external component,
Vout=Voutx1.05
6
15
uA
Chip leakage current
Istandby
VCE=0V
1
uA
CE
“H: threshold
voltage
VCEH
VCE:02V
0.8
V
CE
“L” threshold
voltage
VCEL
VCE:20V
0.3
V
Oscillator frequency
FOSC
Vout=Vout*0.96 Test EXT pin
frequency
350
Khz
CE
”H”
ICEH
Vout=VCE=6V
-0.5
0
0.5
uA
CE
“L”
ICEL
Vout=VCE=6V
-0.5
0
0.5
uA
EXT
“H” output current
IEXTH
3.0V<=Vout<=3.9V
-21
mA
4.0V<=Vout<=4.9V
-35
5.0V<=Vout<=6.9V
-41
EXT
“H” output current
IEXTL
3.0V<=Vout<=3.9V
23
mA
4.0V<=Vout<=4.9V
25
5.0V<=Vout<=6.9V
31
Oscillator duty cycle
Duty
On(Vlx
“L”) side
70
75
80
%
Note :
1.
Diode: Schottky type, such as: 1N5817, 1N5819, 1N5822
2.
Inductor: 27uH(R<0.5Ω)
3.
Output Capacitor: 100uF (Tantalum type)
4.
Vout pin filter capacitor: 1nF (Ceramic type)
5.
Input capacitor: 47uF


Número de pieza similar - ACE705225BN+H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE705225BN++ ACE-ACE705225BN+ Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
More results

Descripción similar - ACE705225BN+H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com