Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5203AN100 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD5203AN100
Descripción Electrónicos  4-Channel, 64-Position Digital Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5203AN100 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5203AN100 Datasheet HTML 4Page - Analog Devices AD5203AN100 Datasheet HTML 5Page - Analog Devices AD5203AN100 Datasheet HTML 6Page - Analog Devices AD5203AN100 Datasheet HTML 7Page - Analog Devices AD5203AN100 Datasheet HTML 8Page - Analog Devices AD5203AN100 Datasheet HTML 9Page - Analog Devices AD5203AN100 Datasheet HTML 10Page - Analog Devices AD5203AN100 Datasheet HTML 11Page - Analog Devices AD5203AN100 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD5203
–10–
REV. 0
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates an output voltage
proportional to the input voltage applied to a given terminal.
For example connecting A–terminal to +5 V and B–terminal to
ground produces an output voltage at the wiper which can be
any value starting at zero volts up to 1 LSB less than +5 V.
Each LSB of voltage is equal to the voltage applied across ter-
minal AB divided by the 64 position resolution of the potenti-
ometer divider. The general equation defining the output
voltage with respect to ground for any given input voltage ap-
plied to terminals AB is:
VW(Dx) = Dx/64
× V
AB + VB
Operation of the digital potentiometer in the divider mode
results in more accurate operation over temperature. Here the
output voltage is dependent on the ratio of the internal resistors
not the absolute value, therefore the drift improves to 20 ppm/
°C.
DIGITAL INTERFACING
The AD5203 contains a standard three-wire serial input control
interface. The three inputs are clock (CLK),
CS and serial data
input (SDI). The positive-edge sensitive CLK input requires
clean transitions to avoid clocking incorrect data into the serial
input register. Standard logic families work well. If mechanical
switches are used for product evaluation they should be de-
bounced by a flip-flop or other suitable means. The Figure 35
block diagram shows more detail of the internal digital cir-
cuitry. When
CS is taken active low the clock loads data into
the serial register on each positive clock edge, see Table III.
AGND
A1
W1
B1
VDD
AD5203
CS
CLK
6
D5
D0
EN
ADDR
DEC
A1
A0
SDI
DI
SER
REG
D0
D5
SDO
DO
DGND
A4
W4
B4
SHDN
RS
DAC
LAT
#1
R
R
D5
D0
DAC
LAT
#4
R
R
Figure 35. Block Diagram
The serial-data-output (SDO) pin contains an open drain
n-channel FET. This output requires a pull-up resistor in order
to transfer data to the next package’s SDI pin. The pull-up
resistor termination voltage may be larger than the VDD supply
of the AD5203 SDO output device, e.g., the AD5203 could
operate at VDD = 3.3 V and the pull-up for interface to the next
device could be set at +5 V. This allows for daisy chaining sev-
eral RDACs from a single processor serial data line. Clock pe-
riod needs to be increased when using a pull-up resistor to the
SDI pin of the following device in the series. Capacitive loading
at the daisy chain node SDO-SDI between devices must be
accounted for to successfully transfer data. When daisy chaining
is used, the
CS should be kept low until all the bits of every
package are clocked into their respective serial registers insuring
that the address bits and data bits are in the proper decoding
location. This would require 16 bits of address and data comply-
ing to the word format provided in Table I if two AD5203 four-
channel RDACs are daisy chained. During shutdown,
SHDN
the SDO output pin is forced to the off (logic high state) to
disable power dissipation in the pull-up resistor. See Figure 37
for equivalent SDO output circuit schematic.
Table II. Input Logic Control Truth Table
CLK
CS
RS SHDN Register Activity
L
L
H
H
No SR effect, enables SDO pin.
P
L
H
H
Shift one bit in from the SDI pin.
The eighth previously entered bit
is shifted out of the SDO pin.
X
P
H
H
Load SR data into RDAC latch
based on A1, A0 decode (Table III).
X
H
H
H
No Operation.
X
X
L
H
Sets all RDAC latches to midscale,
wiper centered and SDO latch
cleared.
X
H
P
H
Latches all RDAC latches to 20H.
X
H
H
L
Open circuits all Resistor A–termi-
nals, connects W to B, turns off
SDO output transistor.
NOTE: P = positive edge, X = don’t care, SR = shift register.
Table III. Address Decode Table
A1
A0
Latch Decoded
0
0
RDAC#1
0
1
RDAC#2
1
0
RDAC#3
1
1
RDAC#4


Número de pieza similar - AD5203AN100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5203AN100 AD-AD5203AN100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
More results

Descripción similar - AD5203AN100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
   4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
   64-Position OTP Digital Potentiometer
Rev. PrC
AD5273 AD-AD5273 Datasheet
987Kb / 20P
   64-Position OTP Digital Potentiometer
REV. 0
AD5171 AD-AD5171 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
   64-Position OTP Digital Potentiometer
REV. D
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
   64-Position Up/DownControl Digital Potentiometer
REV. B
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com