Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD16340Q3 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza CSD16340Q3
Descripción Electrónicos  The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16340Q3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD16340Q3_11 Datasheet HTML 3Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 4Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 5Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 6Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 7Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 8Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 9Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 10Page - Texas Instruments CSD16340Q3_11 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0.63
0.41
M0143-01
3.50
2.31
0.56
4.00 ±0.10 (See Note 1)
2.00 ±0.05
3.60
M0144-01
8.00 ±0.10
Ø 1.50
+0.10
–0.00
CSD16340Q3
www.ti.com
SLPS247D
– DECEMBER 2009 – REVISED NOVEMBER 2011
Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005
– Reducing Ringing Through
PCB Layout Techniques.
Q3 Tape and Reel Information
Notes:
1. 10 sprocket hole pitch cumulative tolerance
±0.2
2. Camber not to exceed 1mm IN 100mm, noncumulative over 250mm
3. Material:black static dissipative polystyrene
4. All dimensions are in mm (unless otherwise specified)
5. Thickness: 0.30
±0.05mm
6. MSL1 260
°C (IR and Convection) PbF Reflow Compatible
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CSD16340Q3


Número de pieza similar - CSD16340Q3_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16340Q3 TI1-CSD16340Q3_16 Datasheet
280Kb / 14P
[Old version datasheet]   CSD16340Q3 25-V N-Channel NexFET??Power MOSFET
More results

Descripción similar - CSD16340Q3_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD16325Q5 TI1-CSD16325Q5_10 Datasheet
445Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com