Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD16408Q5C Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza CSD16408Q5C
Descripción Electrónicos  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16408Q5C Datasheet(HTML) 3 Page - Texas Instruments

  CSD16408Q5C_10 Datasheet HTML 1Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 2Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 3Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 4Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 5Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 6Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 7Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 8Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
GATE
Source
DRAIN
M0137-02
GATE
Source
DRAIN
M0137-01
tP − PulseDuration − s
0.001
0.01
10
1k
0.001
1
10
0.1
0.1
100
1
G012
SinglePulse
0.01
0.02
0.05
0.1
0.3
0.5
DutyCycle=t1/t2
TypicalR
=100 C/W(minCu)
T =P xZ
xR
q
q
q
JA
J
JA
JA
o
P
t1
t2
0.01
CSD16408Q5C
www.ti.com
SLPS263B – DECEMBER 2009 – REVISED SEPTEMBER 2010
Max RqJA = 51ºC/W
Max RqJA = 125ºC/W
when mounted on
when mounted on
1 inch2 (6.45 cm2) of
minimum pad area of
2-oz. (0.071-mm thick)
2-oz. (0.071-mm thick)
Cu.
Cu.
break
break
break
break
TYPICAL MOSFET CHARACTERISTICS
TA = 25°C unless otherwise stated
Figure 1. Transient Thermal Impedance
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Número de pieza similar - CSD16408Q5C_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
More results

Descripción similar - CSD16408Q5C_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com