Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1D-0515SH60Z Datasheet(PDF) 6 Page - AIMTEC |
|
AM1D-0515SH60Z Datasheet(HTML) 6 Page - AIMTEC |
6 / 8 page Series AM1D-Z 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.E 6 of 8 North America only Models Dual separate output Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Max Capacitive Load (uF) Efficiency (%) AM1D-050303DZ 4.5-5.5 3.3/3.3 150/150 1000 100 75 AM1D-050505DZ 4.5-5.5 5/5 100/100 1000 100 72 AM1D-050707DZ 4.5-5.5 7.2/7.2 70/70 1000 100 73 AM1D-050909DZ 4.5-5.5 9/9 55/55 1000 100 75 AM1D-051212DZ 4.5-5.5 12/12 42/42 1000 100 80 AM1D-051515DZ 4.5-5.5 15/15 35 /35 1000 100 78 AM1D-051818DZ 4.5-5.5 18/18 27/27 1000 100 77 AM1D-052424DZ 4.5-5.5 24/24 20/20 1000 100 77 AM1D-120303DZ 10.8-13.2 3.3/3.3 150/150 1000 100 66 AM1D-120505DZ 10.8-13.2 5/5 100/100 1000 100 72 AM1D-120707DZ 10.8-13.2 7.2/7.2 70/70 1000 100 66 AM1D-120909DZ 10.8-13.2 9/9 55/55 1000 100 75 AM1D-121212DZ 10.8-13.2 12/12 42/42 1000 100 78 AM1D-121515DZ 10.8-13.2 15/15 35 /35 1000 100 80 AM1D-121818DZ 10.8-13.2 18/18 27/27 1000 100 75 AM1D-122424DZ 10.8-13.2 24/24 20/20 1000 100 72 AM1D-240303DZ 21.6-26.4 3.3/3.3 150/150 1000 100 66 AM1D-240505DZ 21.6-26.4 5/5 100/100 1000 100 72 AM1D-240707DZ 21.6-26.4 7.2/7.2 70/70 1000 100 72 AM1D-240909DZ 21.6-26.4 9/9 55/55 1000 100 78 AM1D-241212DZ 21.6-26.4 12/12 42/42 1000 100 80 AM1D-241515DZ 21.6-26.4 15/15 35 /35 1000 100 77 AM1D-241818DZ 21.6-26.4 18/18 27/27 1000 100 75 AM1D-242424DZ 21.6-26.4 24/24 20/20 1000 100 73 NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 4.5-5.5 VDC 12 10.8-13.2 24 21.6-26.4 Filter Capacitor Turn on Transient process time 25 ms Start up time 200 ms Absolute Maximum Rating 5 Vin 0-7 VDC 12 Vin 0-15 24 Vin 0-28 Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000 (all models), 3000, 4000, 5200 & 6000 (single / dual) VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±3 % Voltage balance (Dual Output model) Balanced Load ±1 % Short Circuit protection Momentary (1 sec) |
Número de pieza similar - AM1D-0515SH60Z |
|
Descripción similar - AM1D-0515SH60Z |