Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM3F-2415SH52Z Datasheet(PDF) 2 Page - AIMTEC |
|
AM3F-2415SH52Z Datasheet(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM3F-Z 3 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R6.C 2 of 4 North America only Models Single output (Continue) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Max Capacitive Load (uF) Efficiency (%) AM3F-2424SH30Z 21.6-26.4 24 125 3000 470 72 AM3F-0503SH52Z 4.5-5.5 3.3 800 5200 470 53 AM3F-0505SH52Z 4.5-5.5 5 600 5200 470 67 AM3F-0507SH52Z 4.5-5.5 7.2 417 5200 470 64 AM3F-0509SH52Z 4.5-5.5 9 333 5200 470 67 AM3F-0512SH52Z 4.5-5.5 12 250 5200 470 72 AM3F-0515SH52Z 4.5-5.5 15 200 5200 470 72 AM3F-0518SH52Z 4.5-5.5 18 167 5200 470 65 AM3F-0524SH52Z 4.5-5.5 24 125 5200 470 70 AM3F-1203SH52Z 10.8-13.2 3.3 800 5200 470 55 AM3F-1205SH52Z 10.8-13.2 5 600 5200 470 67 AM3F-1207SH52Z 10.8-13.2 7.2 417 5200 470 64 AM3F-1209SH52Z 10.8-13.2 9 333 5200 470 67 AM3F-1212SH52Z 10.8-13.2 12 250 5200 470 72 AM3F-1215SH52Z 10.8-13.2 15 200 5200 470 72 AM3F-1218SH52Z 10.8-13.2 18 167 5200 470 66 AM3F-1224SH52Z 10.8-13.2 24 125 5200 470 70 AM3F-2403SH52Z 21.6-26.4 3.3 800 5200 470 55 AM3F-2405SH52Z 21.6-26.4 5 600 5200 470 65 AM3F-2407SH52Z 21.6-26.4 7.2 417 5200 470 61 AM3F-2409SH52Z 21.6-26.4 9 333 5200 470 65 AM3F-2412SH52Z 21.6-26.4 12 250 5200 470 70 AM3F-2415SH52Z 21.6-26.4 15 200 5200 470 70 AM3F-2418SH52Z 21.6-26.4 18 167 5200 470 66 AM3F-2424SH52Z 21.6-26.4 24 125 5200 470 72 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 5 12 24 4.5-5.5 10.8-13.2 21.6-26.4 VDC Filter Capacitor Turn on Transient process time 100 ms Start up time 300 ms Absolute Maximum Rating 5 Vin 12 Vin 24 Vin 0-7 0-15 0-28 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1000, 3000 and 5200 VDC Resistance > 1000 MOhm Capacitance 60 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±2 % Short Circuit protection Continuous Short circuit restart Auto-recovery Line voltage regulation (Single) ±0.5 % Load voltage regulation (Single) 0 to 100% load ±0.5 % |
Número de pieza similar - AM3F-2415SH52Z |
|
Descripción similar - AM3F-2415SH52Z |