Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM2D-2403DH52Z Datasheet(PDF) 5 Page - AIMTEC

No. de pieza AM2D-2403DH52Z
Descripción Electrónicos  2 Watt | DC-DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-2403DH52Z Datasheet(HTML) 5 Page - AIMTEC

  AM2D-2403DH52Z Datasheet HTML 1Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 2Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 3Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 4Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 5Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 6Page - AIMTEC AM2D-2403DH52Z Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.F
5 of 7
North America only
Models
Dual separated output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Max
Capacitive
Load (uF)
Efficiency
(%)
AM2D-050303DZ
4.5-5.5
3.3 / 3.3
200 / 200
1000
220
73
AM2D-050505DZ
4.5-5.5
5 / 5
200 / 200
1000
220
78
AM2D-050707DZ
4.5-5.5
7.2 / 7.2
139 / 139
1000
220
75
AM2D-050909DZ
4.5-5.5
9 / 9
111 / 111
1000
220
78
AM2D-051212DZ
4.5-5.5
12 / 12
83 / 83
1000
220
82
AM2D-051515DZ
4.5-5.5
15 / 15
67 / 67
1000
220
82
AM2D-051818DZ
4.5-5.5
18 / 18
55 / 55
1000
220
79
AM2D-052424DZ
4.5-5.5
24 / 24
42 / 42
1000
220
75
AM2D-120303DZ
10.8-13.2
3.3 / 3.3
200 / 200
1000
220
73
AM2D-120505DZ
10.8-13.2
5 / 5
200 / 200
1000
220
78
AM2D-120707DZ
10.8-13.2
7.2 / 7.2
139 / 139
1000
220
75
AM2D-120909DZ
10.8-13.2
9 / 9
111 / 111
1000
220
78
AM2D-121212DZ
10.8-13.2
12 / 12
83 / 83
1000
220
82
AM2D-121515DZ
10.8-13.2
15 / 15
67 / 67
1000
220
82
AM2D-121818DZ
10.8-13.2
18 / 18
55 / 55
1000
220
78
AM2D-122424DZ
10.8-13.2
24 / 24
42 / 42
1000
220
75
AM2D-240303DZ
21.6-26.4
3.3 / 3.3
200 / 200
1000
220
73
AM2D-240505DZ
21.6-26.4
5 / 5
200 / 200
1000
220
78
AM2D-240707DZ
21.6-26.4
7.2 / 7.2
139 / 139
1000
220
75
AM2D-240909DZ
21.6-26.4
9 / 9
111 / 111
1000
220
78
AM2D-241212DZ
21.6-26.4
12 / 12
83 / 83
1000
220
82
AM2D-241515DZ
21.6-26.4
15 / 15
67 / 67
1000
220
82
AM2D-241818DZ
21.6-26.4
18 / 18
55 / 55
1000
220
75
AM2D-242424DZ
21.6-26.4
24 / 24
42 / 42
1000
220
75
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-5.5
VDC
12
10.8-13.2
24
21.6-26.4
Filter
Capacitor
Turn on Transient process time
25
ms
Start up time
200
ms
Absolute Maximum Rating
5 Vin
0-7
VDC
12 Vin
0-15
24 Vin
0-28
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3 sec
1000, 3000, 4000 and 5200
VDC
Resistance
> 1000
MOhm
Capacitance
60
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±3
%
Voltage balance
Dual output
±1
%
Short Circuit protection
Momentary (1sec).
Line voltage regulation (Single)
For 1.0% of Vin
±1.2
%
Line voltage regulation (Dual)
For 1.0% of Vin
±1.2
%
Load voltage regulation (Single)
Load 20~100%
±10
%


Número de pieza similar - AM2D-2403DH52Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM2D-2403DH52Z AIMTEC-AM2D-2403DH52Z Datasheet
279Kb / 11P
   2 Watt | DC-DC Converter
More results

Descripción similar - AM2D-2403DH52Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com