Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM12T-2402SZ Datasheet(PDF) 2 Page - AIMTEC |
|
AM12T-2402SZ Datasheet(HTML) 2 Page - AIMTEC |
2 / 3 page Series AM12T-Z 12 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.F 2 of 3 North America only Input Specifications (continued) Parameters Nominal Typical Maximum Units Peak Input Voltage time 1000 ms Input reflected ripple current 20 mA p-p Quiescent Current 15 mA On/Off Control ON – High (3.0 ... 12Vdc) or open circuit; OFF – Low (0 ... 1.2Vdc) or Short circuit pin1 and pin 2/3 OFF idle current: 5.0 mA typ Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1600 VDC Tested Case/Input and Output 1600 VDC Resistance >1000 MOhm Capacitance 1200 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1.2 % Voltage balance Dual output ±5 % Line voltage regulation HL-LL ±0.5 % Load voltage regulation (Single) 0% Load to Full Load ±0.5 % Load voltage regulation (Dual) 0% Load to Full Load ±1.0 % Over voltage protection Zener diode clamp Over current protection Full Load 150 % Short Circuit protection Continuous Short circuit restart Auto recovery Ripple & Noise 85 m Vp-p General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 330 KHz Operating temperature Full Load with Derating above 60ºC -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature 100 oC Temperature coefficient ±0.02 %/ oC Derating Above 60ºC 2.5 % per 1ºC Cooling Free air convection Humidity 95 % RH Case material Nickel-coated Copper Potting material UL94V-0 rated Weight 18.0 g Dimensions (L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.25 x 0.80 x 0.40 inches 31.80 x 20.30 x 10.20 mm MTBF >1 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Safety Specifications Parameters Agency Approval CE Standards IEC 60950-1:2005 (2 nd Edition); EN 60950-1: 2006 EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B (external 330uF/100V cap required) IEC61000-4-5, Perf. Criteria B (external 330uF/100V cap required) IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A |
Número de pieza similar - AM12T-2402SZ |
|
Descripción similar - AM12T-2402SZ |