Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM10E-1224DZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM10E-1224DZ
Descripción Electrónicos  10 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E-1224DZ Datasheet(HTML) 3 Page - AIMTEC

  AM10E-1224DZ Datasheet HTML 1Page - AIMTEC AM10E-1224DZ Datasheet HTML 2Page - AIMTEC AM10E-1224DZ Datasheet HTML 3Page - AIMTEC AM10E-1224DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM10E-Z
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.E
3 of 4
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Short circuit restart
Auto Recovery
Over load protection
140
%
Line voltage regulation (Single)
HL-LL
±0.5
%
Line voltage regulation (Dual)
HL-LL
±0.5
%
Load voltage regulation (Single)
10-100%
±0.5
%
Load voltage regulation (Dual)
10-100%
±1.0
%
Temperature coefficient
±0.02
%
oC
Ripple & Noise
20MHz Bandwidth
100
mVp-p
Rising time
10
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
200
KHz
Operating temperature
-5Vin
-40 to +65
oC
12, 24, 48 Vin
-40 to +85
Storage temperature
-40 to +125
oC
Maximum case temperature
100
oC
Derating
5Vin
See Graph
12, 24, 48 Vin
Not Required
Cooling
Free air convection
Humidity
95
%
Case material
Nickel coated copper
Potting Material
UL94V-0 rated
Weight
30
g
Dimensions (L x W x H)
Tolerance ±0.5mm
2.00 x 1.00 x 0.40 inches
50.80 x 25.40 x 10.16 mm
MTBF
5Vin: 1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
12, 24, 48 Vin: > 1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case max 10 sec
260
oC
Transient recovery time
250
uS
Transient recovery deviation
±3
%
Safety Specifications for models with 12, 24, and 48 Vin
Parameters
Agency approvals
CE
Standards
EN 55022 (Radiated) – Class A
EN 55024 – Class A
IEC61000-4-2
IEC61000-4-3
NOTE: Meets IEC60950-1:2001
Pin Out Specifications
Pin
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
+V Output
+V Output
4
No Pin.
Common.
5
-V Output
-V Output


Número de pieza similar - AM10E-1224DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM10E-1224D AIMTEC-AM10E-1224D Datasheet
264Kb / 3P
   10 watt dc-dc converters
More results

Descripción similar - AM10E-1224DZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM10T-IZ AIMTEC-AM10T-IZ Datasheet
265Kb / 3P
   10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
   10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
   10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
   10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
   10 Watt | DC-DC Converter
AM10E-Z AIMTEC-AM10E-Z_13 Datasheet
502Kb / 4P
   10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z Datasheet
285Kb / 3P
   10 Watt | DC-DC Converter
AM10EW-NZ AIMTEC-AM10EW-NZ Datasheet
331Kb / 3P
   10 Watt | DC-DC Converter
logo
Wall Industries,Inc.
EJR WALL-EJR Datasheet
127Kb / 3P
   10 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com