Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM6T-2405DZ Datasheet(PDF) 4 Page - AIMTEC |
|
AM6T-2405DZ Datasheet(HTML) 4 Page - AIMTEC |
4 / 5 page Series AM6T-Z 6 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.J 4 of 5 North America only Output Specifications (continued) Parameters Conditions Typical Maximum Units Load voltage regulation (Dual) ±3.3V output voltage 0 – 100% load ±1.5 % Temperature coefficient ±0.02 %/oC Ripple & Noise At 20MHz Bandwidth 60 mV p-p Rising time 10 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 266 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature +100 oC Derating Not Required Cooling Free air convection Humidity 90 % Case material Nickel coated copper Weight 17 g Dimensions(L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications noted in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approvals CE (except for 5V input models) Standards EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A NOTE: also designed to meet IEC 60950-1:2001 Pin Out Specifications Dimensions Pin 1500 & 3500VDC Single Dual 2 -V Input -V Input 3 -V Input -V Input 9 NO PIN Common 11 N. C. -V Output 14 +V Output +V Output 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input |
Número de pieza similar - AM6T-2405DZ |
|
Descripción similar - AM6T-2405DZ |