Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM40U-2415DH30IZ Datasheet(PDF) 3 Page - AIMTEC

No. de pieza AM40U-2415DH30IZ
Descripción Electrónicos  40Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-2415DH30IZ Datasheet(HTML) 3 Page - AIMTEC

  AM40U-2415DH30IZ Datasheet HTML 1Page - AIMTEC AM40U-2415DH30IZ Datasheet HTML 2Page - AIMTEC AM40U-2415DH30IZ Datasheet HTML 3Page - AIMTEC AM40U-2415DH30IZ Datasheet HTML 4Page - AIMTEC AM40U-2415DH30IZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series AM40U-IZ
40Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
3 of 5
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Case material
Nickel – coated Copper with nonconductive base
Weight
65
g
Dimensions (L x W x H)
2.00 x 2.00 x 0.40 inches
50.81 x 50.81 10.20 mm
MTBF
>1 500 000 hrs ( MIL-HDBK-217 F at +25 oC)
Maximum soldering temperature
oC
Transient recovery time
50% load step change
280
uS
Pin Out Specifications
Pin
1000 & 3000VDC
Single
Dual
1
+V Input
+V Input
2
-V Input
-V Input
3
On/Off Control
On/Off Control
4
No pin
+V Output
5
+V Output
Common
6
-V Output
-V Output
7
Trim
Trim
Dimensions
50.80
(2.00)
1
2
3
45.70
(1.80)
4
5
6
7
Side View
1.00
(0.04)
Dimensions mm (inch)
Case Tolerance: ±0.25mm (±0.02inch)
Pin Length Tolerence: ±0.05mm (±0.002inch)
Bottom View
Printed Face
Trimming


Número de pieza similar - AM40U-2415DH30IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40U-2415DH30IZ AIMTEC-AM40U-2415DH30IZ Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
More results

Descripción similar - AM40U-2415DH30IZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM40U-IZ AIMTEC-AM40U-IZ_13 Datasheet
365Kb / 5P
   40Watt | DC-DC Converter
AM40U-IZ AIMTEC-AM40U-IZ_16 Datasheet
383Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ Datasheet
397Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_13 Datasheet
366Kb / 5P
   40Watt | DC-DC Converter
AM40UW-IZ AIMTEC-AM40UW-IZ_16 Datasheet
372Kb / 5P
   40Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
40DCPW GAPTEC-40DCPW Datasheet
2Mb / 5P
   40Watt - Single Output DC-DC Converter - Ultra Wide Input Range - High Isolated & Regulated
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com