Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST3414A_V1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza ST3414A_V1
Descripción Electrónicos  N Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ST3414A_V1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST3414A_V1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST3414A_V1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST3414A_V1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST3414A_V1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST3414A_V1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST3414A_V1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST3414A
N Channel Enhancement Mode MOSFET
3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST3414A 2012. V1
DESCRIPTION
ST3414A is the N-Channel logic enhancement mode power field effect transistor which
is produced using high cell density, DMOS trench technology.This high density process
is especially tailored to minimize on-state resistance.These devices are particularly
suited for low voltage application such as cellular phone and notebook computer
power management, other battery powered circuits, and
low in-line power loss are
required. The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-23
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23
Y: Year Code
A: Week Code
FEATURE
20V/4.2A, RDS(ON) = 45m
( Typ.)
@VGS = 4.5V
20V/3.4A, RDS(ON) = 60 m
@VGS = 2.5V
20V/2.8A, RDS(ON) = 80 m
@VGS = 1.8V
Super high density cell design for extremely
low RDS(ON)
Exceptional on-resistance and maximum DC
current capability
SOT-23package design
3
1
2
D
G
S
3
1
2
14YA


Número de pieza similar - ST3414A_V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Stanson Technology
ST3414A STANSON-ST3414A Datasheet
667Kb / 6P
   N Channel Enhancement Mode MOSFET
More results

Descripción similar - ST3414A_V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com