Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

744834101 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 744834101
Descripción Electrónicos  WE-CMBH Common Mode Power Line Choke (Horizontal)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744834101 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744834101 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744834101 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744834101 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744834101 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744834101 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.1
1.0
REV
2012-06-28
2011-10-01
DATE
SSt
SSt
BY
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CMBH Common Mode Power Line
Choke (Horizontal)
Order.- No.
744834101
SIZE
A4
A Dimensions: [mm]
B Hole Pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated Current
DC Resistance
Rated Voltage
Insulation Test Voltage
Test conditions
10 kHz/ 0.1 mA
@ 70°C
@ 20°C
50 Hz
50 Hz
L
IR
RDC
UR
UT
Value
2x 1.0
10.0
12.5
250
1500
Unit
mH
A
V (AC)
V (AC)
Tol.
±30%
max.
max.
max.
E General information:
It is recommended that the temperature of the part does
not exceed +125°C under worst case conditions.
Storage Temperature: -20°C to 60°C
Operating Temperature: -40°C to 125°C
Temperature Rise: < 55K
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Número de pieza similar - 744834101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744834220 WURTH-744834220 Datasheet
1Mb / 7P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
003.001
744834310 WURTH-744834310 Datasheet
1Mb / 7P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
003.001
744834405 WURTH-744834405 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834407 WURTH-744834407 Datasheet
599Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834433 WURTH-744834433 Datasheet
596Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
More results

Descripción similar - 744834101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
744834622 WURTH-744834622 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834405 WURTH-744834405 Datasheet
597Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834220 WURTH-744834220 Datasheet
1Mb / 7P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
003.001
744834310 WURTH-744834310 Datasheet
1Mb / 7P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
003.001
744834433 WURTH-744834433 Datasheet
596Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
744834407 WURTH-744834407 Datasheet
599Kb / 5P
   WE-CMBH Common Mode Power Line Choke (Horizontal)
S14100037 WURTH-S14100037 Datasheet
205Kb / 2P
   COMMON MODE CHOKE WE-CMBH
744861100 WURTH-744861100 Datasheet
435Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861082 WURTH-744861082 Datasheet
835Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
744861180 WURTH-744861180 Datasheet
831Kb / 6P
   WE-TFCH Common Mode Power Line Choke (Horizontal)
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com