Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5490-ISZR Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS5490-ISZR
Descripción Electrónicos  Two Channel Energy Measurement IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  APEX [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490-ISZR Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS5490-ISZR Datasheet HTML 6Page - Cirrus Logic CS5490-ISZR Datasheet HTML 7Page - Cirrus Logic CS5490-ISZR Datasheet HTML 8Page - Cirrus Logic CS5490-ISZR Datasheet HTML 9Page - Cirrus Logic CS5490-ISZR Datasheet HTML 10Page - Cirrus Logic CS5490-ISZR Datasheet HTML 11Page - Cirrus Logic CS5490-ISZR Datasheet HTML 12Page - Cirrus Logic CS5490-ISZR Datasheet HTML 13Page - Cirrus Logic CS5490-ISZR Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
CS5490
10
DS982F2
ANALOG CHARACTERISTICS
• Min/Max characteristics and specifications are guaranteed over all Recommended Operating Conditions.
• Typical characteristics and specifications are measured at nominal supply voltages and TA = 25°C.
• VDDA = +3.3V ±10%; GNDA = 0V. All voltages with respect to 0V.
• MCLK = 4.096MHz.
Parameter
Symbol
Min
Typ
Max
Unit
Analog Inputs (Current Channels)
Common Mode Rejection
(DC, 50, 60Hz)
CMRR
80
-
-
dB
Common Mode+Signal
-0.25
-
VDDA
V
Differential Full-scale Input Range
(Gain = 10)
[(IIN+) – (IIN-)]
(Gain = 50)
IIN
-
-
250
50
-
-
mVP
mVP
Total Harmonic Distortion
(Gain = 50)
THD
90
100
-
dB
Signal-to-Noise Ratio (SNR)
(Gain = 10)
(Gain = 50)
SNR
-
-
80
80
-
-
dB
dB
Crosstalk from Voltage Inputs at Full Scale
(50, 60Hz)
--115
-
dB
Crosstalk from Current Input at Full Scale
(50, 60Hz)
--115
-
dB
Input Capacitance
IC
-
27
-
pF
Effective Input Impedance
EII
30
-
-
k
Offset Drift (Without the High-pass Filter)
OD
-
4.0
-
µV/°C
Noise (Referred to Input)
(Gain = 10)
(Gain = 50)
NI
-
-
9
2.2
-
-
µVRMS
µVRMS
Power Supply Rejection Ratio
(60Hz)
(Note 7)
(Gain = 10)
(Gain = 50)
PSRR
60
68
65
75
-
-
dB
dB
Analog Inputs (Voltage Channels)
Common Mode Rejection
(DC, 50, 60Hz)
CMRR
80
-
-
dB
Common Mode+Signal
-0.25
-
VDDA
V
Differential Full-scale Input Range
[(VIN+) – (VIN-)]
VIN
-
250
-
mVP
Total Harmonic Distortion
THD
80
88
-
dB
Signal-to-Noise Ratio (SNR)
SNR
-
73
-
dB
Crosstalk from Current Inputs at Full Scale
(50, 60Hz)
--115
-
dB
Input Capacitance
IC
-
2.0
-
pF
Effective Input Impedance
EII
2
-
-
M
Noise (Referred to Input)
NV
-40-
µVRMS
Offset Drift (Without the High-pass Filter)
OD
-
16.0
-
µV/°C
Power Supply Rejection Ratio
(60Hz)
(Note 7)
(Gain = 10)
PSRR
60
65
-
dB
Temperature
Temperature Accuracy
(Note 6)
T-
±5
-
°C


Número de pieza similar - CS5490-ISZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
   Two Channel Energy Measurement IC
More results

Descripción similar - CS5490-ISZR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
   Two Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
   Three Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
logo
Teridian Semiconductor ...
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
   Octal Power and Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
   Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
   Energy Measurement AFE
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com