Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7305 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7305
Descripción Electrónicos  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7305 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7305 Datasheet HTML 5Page - Analog Devices AD7305 Datasheet HTML 6Page - Analog Devices AD7305 Datasheet HTML 7Page - Analog Devices AD7305 Datasheet HTML 8Page - Analog Devices AD7305 Datasheet HTML 9Page - Analog Devices AD7305 Datasheet HTML 10Page - Analog Devices AD7305 Datasheet HTML 11Page - Analog Devices AD7305 Datasheet HTML 12Page - Analog Devices AD7305 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
–9–
AD7304/AD7305
REV. A
FREQUENCY – Hz
1
0.1
0.001
20
100k
100
1k
10k
0.010
A
VDD = +5V
VSS = –5V
Figure 18. THD vs. Frequency
FREQUENCY – Hz
3.0
2.4
0
1
100k
10
100
1k
10k
1.8
1.2
0.6
VDD = +5V
VSS = –5V
VREF = 4V
DATA = FFH
Figure 19. Output Noise Voltage Density vs. Frequency
VOUTB
50ns/DIV
CLK
VDD = +5V
VSS = –5V
VREF = 2.5V
DAC A = FFH
DAC B = OOH
F = 2MHz
Figure 20. Digital Feedthrough
VOUT
CS
VDD = +5V
VSS = –5V
VREF = 2.5V
F = 1MHz
DATA = 80H
7FH
Figure 21. Midscale Transition Glitch
FREQUENCY – Hz
40
20
–160
100
10M
1k
10k
1M
0
–20
–40
VDD = +5V
VSS = –5V
VREF = 50mV rms
DAC A DATA = FFH
DAC B, C, D DATA = 00H
–60
–80
–100
–120
–140
V
OUTB
V
REF
CT = 20 LOG
100k
Figure 22. Crosstalk vs. Frequency
FREQUENCY – Hz
60
0
10
100
1k
100k
50
40
30
20
10
10k
DATA = 80H
TA = +25 C
+PSRR, VDD = +5V
10%
–PSRR, VSS = –5V
10%
+PSRR, VDD = +3V
10%
–PSRR, VSS = –3V
10%
Figure 23. Power Supply Rejection vs. Frequency


Número de pieza similar - AD7305

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7305 AD-AD7305 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Descripción similar - AD7305

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com