Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD743KR-16-REEL Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD743KR-16-REEL
Descripción Electrónicos  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD743KR-16-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD743KR-16-REEL Datasheet HTML 4Page - Analog Devices AD743KR-16-REEL Datasheet HTML 5Page - Analog Devices AD743KR-16-REEL Datasheet HTML 6Page - Analog Devices AD743KR-16-REEL Datasheet HTML 7Page - Analog Devices AD743KR-16-REEL Datasheet HTML 8Page - Analog Devices AD743KR-16-REEL Datasheet HTML 9Page - Analog Devices AD743KR-16-REEL Datasheet HTML 10Page - Analog Devices AD743KR-16-REEL Datasheet HTML 11Page - Analog Devices AD743KR-16-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD743
HOW CHIP PACKAGE TYPE AND POWER DISSIPATION
AFFECT INPUT BIAS CURRENT
As with all JFET input amplifiers, the input bias current of the
AD743 is a direct function of device junction temperature, IB
approximately doubling every 10°C. Figure 30 shows the
relationship between bias current and junction temperature for
the AD743. This graph shows that lowering the junction
temperature will dramatically improve IB.
–60 –40
–20
0
20
40
60
80 100 120
140
–11
–10
10
–9
10
–8
10
–7
10
–6
10
10
10
–12
JUNCTION TEMPERATURE – °C
V = ±15V
T = 25°C
S
A
+
Figure 30. Input Bias Current vs. Junction Temperature
The dc thermal properties of an IC can be closely approximated
by using the simple model of Figure 31 where current represents
power dissipation, voltage represents temperature, and resistors
represent thermal resistance (
θ in °C/Watt).
= DEVICE DISSIPATION
= AMBIENT TEMPERATURE
= JUNCTION TEMPERATURE
= THERMAL RESISTANCE – JUNCTION TO CASE
= THERMAL RESISTANCE – CASE TO AMBIENT
P
IN
TJ
JC
CA
TA
WHERE:
θ
θ
P
IN
CA
TA
T
J
JC
θ
θ
JA
θ
Figure 31. A Device Thermal Model
From this model TJ = TA +
θ
JA Pin. Therefore, IB can be
determined in a particular application by using Figure 30
together with the published data for
θ
JA and power dissipation.
The user can modify
θ
JA by use of an appropriate clip-on heat
sink such as the Aavid #5801.
θ
JA is also a variable when using
the AD743 in chip form. Figure 32 shows bias current vs.
supply voltage with
θ
JA as the third variable. This graph can be
used to predict bias current after
θ
JA has been computed. Again
bias current will double for every 10°C. The designer using the
AD743 in chip form (Figure 33) must also be concerned with
both
θ
JC and
θ
CA, since
θ
JC can be affected by the type of die
mount technology used.
Typically,
θ
JC’s will be in the 3°C to 5°C/watt range; therefore,
for normal packages, this small power dissipation level may be
ignored. But, with a large hybrid substrate,
θ
JC will dominate
proportionately more of the total
θ
JA.
300
0
100
200
5
10
15
T = +25°C
A
SUPPLY VOLTAGE – ±Volts
= 165°C/W
θ
A
= 115°C/W
θ A
= 0°C/W
θ
A
J
J
J
Figure 32. Input Bias Current vs. Supply Voltage for
Various Values of
θ
JA
Figure 33. A Breakdown of Various Package Thermal
Resistances
REDUCED POWER SUPPLY OPERATION FOR
LOWER IB
Reduced power supply operation lowers IB in two ways: first, by
lowering both the total power dissipation and second, by
reducing the basic gate-to-junction leakage (Figure 32). Figure
34 shows a 40 dB gain piezoelectric transducer amplifier, which
operates without an ac coupling capacitor, over the –40°C to
+85°C temperature range. If the optional coupling capacitor is
used, this circuit will operate over the entire –55°C to +125°C
military temperature range.
Figure 34. A Piezoelectric Transducer


Número de pieza similar - AD743KR-16-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD743 AD-AD743 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
More results

Descripción similar - AD743KR-16-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com