Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
KAQV213A Datasheet(PDF) 3 Page - COSMO Electronics Corporation |
|
KAQV213A Datasheet(HTML) 3 Page - COSMO Electronics Corporation |
3 / 7 page PRODUCT SPECIFICATION DATE:02/22/2011 NO.61M10024 cosmo ELECTRONICS CORPORATION SOLID STATE RELAY - MOSFET OUTPUT KAQV213A SHEET 3 OF 7 REV. 2 Data Curve Load current vs. ambient temperature Allowable ambient Temperature︰ -40℃ to +85℃ On resistance vs. ambient temperature across terminals 4 and 6 pin LED current:5mA Continuous load current:200mA(DC) 0 -40 -20 0 20 40 60 100 80 50 300 150 100 200 250 0 20 -20 -40 0 60 40 80 50 10 20 40 30 Ambient temperature Ta(℃) Ambient temperature Ta(℃) Turn On Time vs. ambient temperature Load voltage 250V(DC) LED current︰5mA Continuous load current:200mA(DC) Turn Off Time vs. ambient temperature Load voltage 250V(DC) LED current︰5mA Continuous load current:200mA(DC) 80 60 40 0 -40 -20 20 0 1.2 0.4 0.6 0.8 1.0 100 80 60 40 20 0 -20 -40 0 2.5 0.5 1.0 1.5 2.0 Ambient temperature Ta(℃) Ambient temperature Ta(℃) |
Número de pieza similar - KAQV213A |
|
Descripción similar - KAQV213A |