Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7575JR Datasheet(PDF) 8 Page - Analog Devices |
|
AD7575JR Datasheet(HTML) 8 Page - Analog Devices |
8 / 12 page AD7575 –8– REV. B INTERNAL/EXTERNAL CLOCK The AD7575 can be used with its own internal clock or with an externally applied clock. In either case, the clock signal appear- ing at the CLK pin is divided internally by two to provide an internal clock signal for the AD7575. A single conversion lasts for 20 input clock cycles (10 internal clock cycles). INTERNAL CLOCK Clock pulses are generated by the action of the external capaci- tor (CCLK) charging through an external resistor (RCLK) and discharging through an internal switch. When a conversion is complete, the internal clock stops operating. In addition to conversion, the internal clock also controls the automatic inter- nal reset of the SAR. This reset occurs at the start of each con- version cycle during the first internal clock pulse. Nominal conversion times versus temperature for the recom- mended RCLK and CCLK combination are shown in Figure 13. AMBIENT TEMPERATURE – C 14 7 –55 +125 –25 0 +25 +50 +75 +100 13 11 10 9 8 12 RCLK = 100k CCLK = 100pF Figure 13. Typical Conversion Times vs. Temperature Using Internal Clock The internal clock is useful because it provides a convenient clock source for the AD7575. Due to process variations, the actual operating frequency for this RCLK/CCLK combination can vary from device to device by up to ±50%. For this reason it is recommended that an external clock be used in the following situations: 1. Applications requiring a conversion time that is within 50% of 5 µs, the minimum conversion time for specified accuracy. A clock frequency of 4 MHz at the CLK pin gives a conversion time of 5 µs. 2. Applications where time related software constraints cannot accommodate time differences that may occur due to unit to unit clock frequency variations or temperature. EXTERNAL CLOCK The CLK input of the AD7575 may be driven directly from 74 HC, 4000B series buffers (such as 4049) or from LS TTL with a 5.6 k Ω pull-up resistor. When conversion is complete, the internal clock is disabled even if the external clock is still ap- plied. This means that the external clock can continue to run between conversions without being disabled. The mark/space ratio of the external clock can vary from 70/30 to 30/70. The AD7575 is specified for operation at a 5 µs conversion rate; with a 4 MHz input clock frequency. If the part is operated at slower clock frequencies, it may result in slightly degraded accu- racy performance from the part. This is a result of leakage ef- fects on the hold capacitor. Figure 14 shows a typical plot of accuracy versus conversion time for the AD7575. CONVERSION TIME – s 2.5 5 10000 50 500 2.0 1.5 1.0 0.5 0 100 1000 5000 10 TA = +25 C AD7575KN Figure 14. Accuracy vs. Conversion Time |
Número de pieza similar - AD7575JR |
|
Descripción similar - AD7575JR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |