Nombre de pieza
         Descripción
MJE15028

 8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS ( 6 Page)


MOTOROLA
100% 
Zoom Out Zoom In
   
 3 page
background image
MJE15028 MJE15030 MJE15029 MJE15031
3
Motorola Bipolar Power Transistor Device Data
20
2.0
Figure 3. Forward Bias Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
16
10
0.02
20
120
BONDING WIRE LIMITED
THERMALLY LIMITED
SECOND BREAKDOWN
LIMITED @ TC = 25°C
dc
100
µs
5.0
10
150
1.0
50
0.1
5 ms
MJE15028
MJE15029
MJE15030
MJE15031
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion then the curves indicate.
The data of Figures 3 and 4 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 2.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
8.0
0
Figure 4. Reverse–Bias Switching
Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
0
120
140
5 V
VBE(off) = 9 V
100
110
150
3.0
130
2.0
1.0
VR, REVERSE VOLTAGE (VOLTS)
10
150
500
1000
50
Figure 5. Capacitances
200
100
30
10
7.0
5.0
1.5
3.0
20
50
Figure 6. Small–Signal Current Gain
f, FREQUENCY (MHz)
1.0
3.0
10
20
100
2.0
7.0
5.0
0.5
5.0
50
30
10
0.7
NPN
Figure 7. Current Gain–Bandwidth Product
IC, COLLECTOR CURRENT (AMP)
0.5
2.0
60
100
1.0
10
20
0.1
5.0
90
50
0.2
IC/IB = 10
TC = 25°C
3 V
1.5 V
PNP
(NPN)
(PNP)
VCE = 10 V
IC = 0.5 A
TC = 25°C
Cib (NPN)
Cob (PNP)
100
30
0
10
0 V
Cib (PNP)
Cob (NPN)
1  2  3  4  5  6 



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MJE1713 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS 1 2 3 4 Motorola, Inc
TIP29B1 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 80-100 VOLTS 30 WATTS 1 2 3 4 Motorola, Inc
MJE2005 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJH1101715 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150 200 250 VOLTS 150 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJH6282DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 100 VOLTS 160 WATTS 1 2 3 4 5 MoreMotorola, Inc
BDX53BDARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS 1 2 3 4 5 MoreON Semiconductor
MJ2119316 ampere complementary silicon power transistors 250 volts 250 watts 1 2 3 4 5 MoreMotorola, Inc
MJE2434 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJL2119316 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS 1 2 3 4 5 MoreMotorola, Inc
MJ250010 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS 1 2 3 4 Motorola, Inc

Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl