Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMOC3021 Datasheet(PDF) 4 Page - COSMO Electronics Corporation

No. de pieza KMOC3021
Descripción Electrónicos  Zero Crossing Optoisolators TRIAC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3021 Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KMOC3021_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3021_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3021_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3021_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3021_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3021_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/03/2011
NO.60P41002
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3021
SHEET 4 OF 6
REV.
4
Fig.1 Forward Current vs.
Ambient Temperature
Fig.2 Diode Power Dissipation vs.
Ambient Temperature
100
0
-30
10
0
20
75
55
25
40
30
50
125
25
0
-30
20
0
40
80
60
70
100
100
75
50
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)
Fig.3 On-State R.M.S. Current
vs. Ambient Temperature
Fig.4 Total Power Dissipation vs.
Ambient Temperature
120
100
0
-30
0
25
75
55
20
40
60
80
100
125
600
25
-30
0
0
100
200
300
400
330
500
100
50
75
Ambient Temperature Ta(℃)
Ambient Temperature Ta(℃)
Fig.5 Peak Forward Current
vs. Duty Ratio
Fig.6 Forward Current
vs. Forward Voltage
Pulse width <=100us
1000
10
100
10
10
-3
-2
10
-1
10000
C
Ta=25°
1
0°C
50
1.0
2
1
00.5
10
5
20
3.0
2.0
1.5
2.5
-25°C
100
200
500
Ta=75°C
50°C
25°C
Duty Ratio
Forward Voltage VF(V)


Número de pieza similar - KMOC3021_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC3021H COSMO-KMOC3021H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3021H COSMO-KMOC3021H Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021H COSMO-KMOC3021H Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021L COSMO-KMOC3021L Datasheet
213Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3021L COSMO-KMOC3021L Datasheet
261Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Descripción similar - KMOC3021_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3062H COSMO-KMOC3062H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3082S COSMO-KMOC3082S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3081S COSMO-KMOC3081S Datasheet
85Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
   Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com