Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC105K06D Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

No. de pieza TC105K06D
Descripción Electrónicos  Tantalum Capacitors with Solid Electrolyte
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MERITEK [MERITEK ELECTRONICS CORPORATION]
Página de inicio  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TC105K06D Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  TC105K06D Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION TC105K06D Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tantalum Capacitors with
Solid Electrolyte
TC Series
PART NUMBER SYSTEM
TC
105
M
35
B
Meritek Series
Capacitance
CODE
473 ~ 683
105 ~ 685
106 ~ 227
μF
0.047~0.068
1.0 ~ 6.8
10 ~ 220
Tolerance
CODE
M
K
±20%
±10%
Rated Voltage
CODE
04
06
10
16
20
25
35
4
6.3
10
16
20
25
35
Size
CODE
A
B
C
D
3216
3528
6032
7343
Allowed Ripple Voltage
W.V
Cap(
μF)
4
6.3
10
16
20
25
35
0.10
104
3.5
0.15
154
3.5
0.22
224
3.5
0.33
334
3.5
3.5
3.5
0.47
474
3.5
3.5
3.5
0.68
684
3.5
3.5
3.5
3.5
1.0
105
3.5
3.5
3.5
3.5
3.5
1.5
156
3.2
3.2
3.2
3.2
3.2
3.2
2.2
226
2.9
2.9
2.9
2.9
2.9
2.9
2.9
3.3
335
2.6
2.6
2.6
2.6
2.6
2.6
2.6
4.7
475
2.4
2.4
2.4
2.4
2.4
2.4
2.4
6.8
685
2.1
2.1
2.1
2.1
2.1
2.1
2.1
10
106
1.9
1.9
1.9
1.9
1.9
1.9
15
156
1.7
1.7
1.7
1.7
1.7
22
226
1.5
1.5
1.5
1.5
33
336
1.4
1.4
1.4
47
476
1.3
1.3
68
686
1.1
100
107
1.0
Surface Mount Molded Chip
MERITEK


Número de pieza similar - TC105K06D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
logo
Cornell Dubilier Electr...
TC10501 CDE-TC10501 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC105303ECT MICROCHIP-TC105303ECT Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105303ECT MICROCHIP-TC105303ECT Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC105333ECT MICROCHIP-TC105333ECT Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
More results

Descripción similar - TC105K06D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
94SP VISHAY-94SP_07 Datasheet
118Kb / 4P
   Solid Aluminum Capacitors with Organic Semiconductor Electrolyte
Revision: 15-Jan-07
94SC VISHAY-94SC Datasheet
132Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision: 13-Sep-04
94SA156X0020CBP VISHAY-94SA156X0020CBP Datasheet
50Kb / 2P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 29-Jun-01
logo
Sanyo Semicon Device
10SC22M SANYO-10SC22M Datasheet
92Kb / 2P
   Aluminum solid capacitors with Organic semiconductive electrolyte
logo
Vishay Siliconix
94SP VISHAY-94SP Datasheet
52Kb / 3P
   Solid Aluminum Capacitors With Organic Semiconductor Electrolyte
Revision 02-Jul-01
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
   CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
PVH-4V151MF60E-F60 ETC2-PVH-4V151MF60E-F60 Datasheet
154Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS WITH CONDUCTIVE POLYMER SOLID ELECTROLYTE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com