Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC105K10D Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION |
|
TC105K10D Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION |
2 / 2 page Tantalum Capacitors with Solid Electrolyte TC Series PART NUMBER SYSTEM TC 105 M 35 B Meritek Series Capacitance CODE 473 ~ 683 105 ~ 685 106 ~ 227 μF 0.047~0.068 1.0 ~ 6.8 10 ~ 220 Tolerance CODE M K ±20% ±10% Rated Voltage CODE 04 06 10 16 20 25 35 4 6.3 10 16 20 25 35 Size CODE A B C D 3216 3528 6032 7343 Allowed Ripple Voltage W.V Cap( μF) 4 6.3 10 16 20 25 35 0.10 104 3.5 0.15 154 3.5 0.22 224 3.5 0.33 334 3.5 3.5 3.5 0.47 474 3.5 3.5 3.5 0.68 684 3.5 3.5 3.5 3.5 1.0 105 3.5 3.5 3.5 3.5 3.5 1.5 156 3.2 3.2 3.2 3.2 3.2 3.2 2.2 226 2.9 2.9 2.9 2.9 2.9 2.9 2.9 3.3 335 2.6 2.6 2.6 2.6 2.6 2.6 2.6 4.7 475 2.4 2.4 2.4 2.4 2.4 2.4 2.4 6.8 685 2.1 2.1 2.1 2.1 2.1 2.1 2.1 10 106 1.9 1.9 1.9 1.9 1.9 1.9 15 156 1.7 1.7 1.7 1.7 1.7 22 226 1.5 1.5 1.5 1.5 33 336 1.4 1.4 1.4 47 476 1.3 1.3 68 686 1.1 100 107 1.0 Surface Mount Molded Chip MERITEK |
Número de pieza similar - TC105K10D |
|
Descripción similar - TC105K10D |