Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC105K25D Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION |
|
TC105K25D Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION |
1 / 2 page MERITEK Tantalum Capacitors with Solid Electrolyte Surface Mount Molded Chip TC Series TC series is designed for hybrid circuit and low profile printed circuit board applications where inductance is to be minimized or where substrate space is at a premium. They can be attached to substrates or circuit boards by dip soldering, welding, re-flow soldering or other conventional methods. These units have the further advantage of being compatible with automatic assembly equipment minus the problems associated with flexible terminal lead wires. SPECIFICATIONS Range 0.1 μF to 220μF Capacitance Tolerance ±20%(M), ±10%(K) C 1.0μF D.F 4.0% 1.5uF C 6.8μF D.F 6.0% 10uF C 68μF D.F 8.0% Dissipation Factor (ta n ) C 100 μFD.F 10.0% Leakage Current Between 0.01CV and 0.5 μA, whichever is higher Rated Voltage(VR) 4 6.3 10 16 20 25 35 T85 oC 4 6.3 10 16 20 25 35 Operating Voltage(Vo) 85 o C < T 125 o C 2.5 4 6.3 10 13 16 22 T85 oC 5.2 8 13 20 25 32 44 Surge Voltage(Vs) 85 oC < T 125 o C 3.2 5 8 13 16 20 28 Operating Temperature -85oC to 125oC CAPACITANCE AND VOLTAGE RANGE W.V Cap( μF) 46.3 10 16 20 25 3 5 0.10 104 A 0.15 154 A 0.22 224 A 0.33 334 A A 0.47 474 A A A,B 0.68 684 A A A,B A,B 1.0 105 A A A,B A,B A,B 1.5 155 A A,B A,B A,B B,C 2.2 225 A A A,B A,B A,B B,C B,C 3.3 335 A A ,B A,B A,B A,B,C B,C B,C 4.7 475 A,B A ,B A,B A,B,C B,C B,C C,D 6.8 685 A,B A ,B A,B,C B,C B,C C,D C,D 10 106 A,B A,B,C A,B,C A, B,C B,C,D C,D D 15 156 A,B,C B,C B,C B,C,D C,D C,D D 22 2 26 A,B,C B,C B,C,D B*,C,D C,D D 33 336 B,C B,C,D C,D C,D D 47 476 B,C,D B,C,D C,D D D 68 686 C,D C,D C,D D 100 107 C,D C,D D 150 157 D D D 220 227 D D 330 337 D D Load Life: 2000 hrs +85 oC (+185oF) and rated voltage Capacitance change max :Within +10% of initial value Dissipation Factor : Within values specified above Leakage Current : Within values specified above Shelf Life: After 2000 hrs no application of the rated working voltage at 85 oC capacitor shall meet the requirements of above "Load Life". Temperature Characteristic -55 oC C : Within +0, -10% of initial value tan : C 1.0μF within 6% 1.5 C 68μF within 8% +85 oC C : Within +10, -0% of initial value tan : Within values specified above I : Within 10 times of specified above +125 oC C : Within +15, -0% of initial value tan : Within values specified above I : Within 12.5 times of specified above Humidity Test: at 40 oC, 90-95% humidity, 500 hrs no voltage C : Within +5% of initial value tan : Within values specified above I : Within values specified above Failure Rate : 1 % / 1000hrs Surge Voltage Test: at 85 oC C : Within +5% of initial value tan : Within values specified above I : Within values specified above Resistance to Soldering Heat (Solder reflow 260 oC, 10 sec or solder dip 260oC, 5 sec) C : Within +5% of initial value tan : Within values specified above I : Within values specified above *Separated spec sheet available upon request. Specifications are subject to change without notice. rev.6a |
Número de pieza similar - TC105K25D |
|
Descripción similar - TC105K25D |