Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD815AYS Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD815AYS
Descripción Electrónicos  High Output Current Differential Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD815AYS Datasheet(HTML) 8 Page - Analog Devices

Back Button AD815AYS Datasheet HTML 4Page - Analog Devices AD815AYS Datasheet HTML 5Page - Analog Devices AD815AYS Datasheet HTML 6Page - Analog Devices AD815AYS Datasheet HTML 7Page - Analog Devices AD815AYS Datasheet HTML 8Page - Analog Devices AD815AYS Datasheet HTML 9Page - Analog Devices AD815AYS Datasheet HTML 10Page - Analog Devices AD815AYS Datasheet HTML 11Page - Analog Devices AD815AYS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD815
REV. B
–8–
0.04
0.03
0.02
0.01
0.00
–0.01
–0.02
–0.03
–0.04
0.12
0.10
0.08
0.06
0.04
0.02
0.00
–0.02
–0.04
G = +2
RF = 1k
NTSC
123
456
789
10
11
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
GAIN
PHASE
0.005
0.000
–0.005
–0.010
–0.015
–0.020
–0.025
–0.030
0.010
123
456
789
10
11
6 BACK TERMINATED LOADS (25 )
2 BACK TERMINATED LOADS (75 )
G = +2
RF = 1k
NTSC
GAIN
PHASE
GAIN
PHASE
Figure 25. Differential Gain and Differential Phase
(per Amplifier)
FREQUENCY – MHz
0.03
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
300
SIDE B
SIDE A
G = +2
RF = 499
VS = 15V, 5V
VIN = 400mVrms
RL = 100
–110
Figure 26. Output-to-Output Crosstalk vs. Frequency
FREQUENCY – MHz
1
0
–1
–2
–3
–4
–5
–6
–7
–9
2
0.1
300
1
10
100
SIDE B
SIDE A
562
100
100
49.9
VOUT
VIN
VS = 15V
VIN = 0 dBm
Figure 27. –3 dB Bandwidth vs. Frequency, G = +1
FREQUENCY – MHz
0.1
0
0.1
300
1
10
100
15V
5V
499
100
100
49.9
VOUT
VIN
499
A
B
A
B
15V
5V
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
Figure 28. Bandwidth vs. Frequency, G = +2
FREQUENCY – MHz
0
0.1
300
1
10
100
499
100
100
VOUT
VIN
124
SIDE A
SIDE B
–1
–2
–3
–4
–5
–6
–7
1
VS = 15V
49.9
Figure 29. –3 dB Bandwidth vs. Frequency, G = +5
10
0%
100
90
1 s
5V
Figure 30. 40 V p-p Differential Sine Wave, RL = 50 Ω,
f = 100 kHz


Número de pieza similar - AD815AYS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD815ARB-24 AD-AD815ARB-24 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
AD815ARB-24-REEL AD-AD815ARB-24-REEL Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
More results

Descripción similar - AD815AYS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com