Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7443310470 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No. de pieza 7443310470
Descripción Electrónicos  POWER-CHOKE WE-HCC 1210 (Iron Powder)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Página de inicio  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443310470 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443310470 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310470 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310470 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443310470 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / tape and reel specification:
A
11,8 ± 0,1
mm
B
20 ± 0,1
mm
+ 0,1
- 0,1
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
mm
J
10,55 ± 0,1
mm
T
0,40 ± 0,05
mm
W
24,0 ± 0,3
mm
a
330,0 ref
mm
b
24,0 ref
mm
mm
d
75 ± 2
mm
BD
09-11-03
Rst
08-11-11
Name
Datum / date
Kunde / customer :
Spezifikation für Freigabe / specification for release
Artikelnummer / part number :
7443310470
SPEICHERDROSSEL WE-HCC 1210 (Eisenpulver)
POWER-CHOKE WE-HCC 1210 (Iron Powder)
DATUM / DATE : 2009-11-03
Gurtspezifikation / Tape specification:
mm
D
1,50
mm
Rollenspezifikation / Reel specification:
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
Version 2
.................................................................................
...............................................................
Version 1
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
a
d
W
E
F
G
B
A
Ø D
H
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
b
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


Número de pieza similar - 7443310470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7443310022 WURTH-7443310022 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310033 WURTH-7443310033 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310047 WURTH-7443310047 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310068 WURTH-7443310068 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310082 WURTH-7443310082 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
More results

Descripción similar - 7443310470

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wurth Elektronik GmbH &...
7443310068 WURTH-7443310068 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310100 WURTH-7443310100 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310033 WURTH-7443310033 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310082 WURTH-7443310082 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310330 WURTH-7443310330 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310022 WURTH-7443310022 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310150 WURTH-7443310150 Datasheet
134Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310390 WURTH-7443310390 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310047 WURTH-7443310047 Datasheet
135Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
7443310220 WURTH-7443310220 Datasheet
133Kb / 4P
   POWER-CHOKE WE-HCC 1210 (Iron Powder)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com