Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

E01340A Datasheet(PDF) 3 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

No. de pieza E01340A
Descripción Electrónicos  Chip Type Cermet Trimmer Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Página de inicio  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

E01340A Datasheet(HTML) 3 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  E01340A Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340A Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340A Datasheet HTML 3Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD E01340A Datasheet HTML 4Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dimensions (Unit: mm)
Specification
Model Designation
Taping type (8mm width×4mm pitch emboss taping for auto insertion)
Characteristics and Resistance value (3 figures)
SMD type
Size
Model No. Resistive element type (Metal glaze)
VG 039N CH XT B***
Chip Type Cermet Trimmer Potentiometer
Specifications are subject to change without notice.
HOKURIKU
3
0.8
1.2
1.2
1.6
Features
Low profile type (1.2mm in height)
Achieved exellent endurance characteristics by using "Metal-glaze" film.
Conform to RoHS Directives
Reflow solderable
With rotation stopper
0. 65
1. 2
2. 7
0. 8
1. 5
0. 75
2. 1
3
φ
3. 7
Wiper Rotating Area)
Resin
C.W.
Circuit
Terminal 3
Terminal 2
Terminal 1
Terminal 2
Terminal 3
Terminal 1
PCBFootprint
Item
Specification
Unit
Note
100 ~ 1 M
±25
%
mN・m
mN・m
Ω
0.98∼ 11.76
Total Mechanical Rotation Angle
270±20
W
Max. Working Voltage
Nominal Total Rasistance
Rasistance Tolerance
0.15
50 or V= PR whichever is smaller
-40 ∼ 100
T.C.R. (Temperature Coefficient of Resistance)
±250
Operating Temperature Range
Rotational Torque
°
End Stop Strength
14.7 min.
Rated Wattage
V
ppm/℃
With rotation stopper
*Packaging Quantity : 2,500pcs / Reel
3mm size, Low profile type


Número de pieza similar - E01340A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HOKURIKU ELECTRIC INDUS...
E01340B HOKURIKU-E01340B Datasheet
244Kb / 4P
   Miniatur e Cermet Trimmer Potentiometers
More results

Descripción similar - E01340A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
303 CTS-303 Datasheet
163Kb / 2P
   Miniature 3 mm surface mount chip-type cermet trimmer potentiometer
logo
Suntan Capacitors
TSR-3269 SUNTAN-TSR-3269_17 Datasheet
267Kb / 1P
   Cermet-Ceramic Trimmer Potentiometer ??3269
logo
CTS Corporation
307 CTS-307 Datasheet
241Kb / 2P
   Commercial miniature 6 mm cermet trimmer potentiometer
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com