Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8343ARU-REEL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8343ARU-REEL
Descripción Electrónicos  DC-to-2.5 GHz High IP3 Active Mixer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8343ARU-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8343ARU-REEL Datasheet HTML 2Page - Analog Devices AD8343ARU-REEL Datasheet HTML 3Page - Analog Devices AD8343ARU-REEL Datasheet HTML 4Page - Analog Devices AD8343ARU-REEL Datasheet HTML 5Page - Analog Devices AD8343ARU-REEL Datasheet HTML 6Page - Analog Devices AD8343ARU-REEL Datasheet HTML 7Page - Analog Devices AD8343ARU-REEL Datasheet HTML 8Page - Analog Devices AD8343ARU-REEL Datasheet HTML 9Page - Analog Devices AD8343ARU-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
REV. 0
AD8343
–6–
CONVERSION GAIN – dB
0
3.45
35
30
25
20
15
10
5
MEAN: 3.63dB
3.40
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
TPC 7. Gain Histogram fIN = 900 MHz, fOUT = 170 MHz
20.4
INPUT IP3 – dBm
0
18.2
30
20
10
2
MEAN: 19.4dBm
8
6
4
12
14
16
18
22
24
26
28
18.4 18.6 18.8 19.0 19.2 19.4 19.6 19.8 20.0 20.2
TPC 8. Input IP3 Histogram fIN = 900 MHz, fOUT = 170 MHz
INPUT 1dB COMPRESSION POINT – dBm
30
0
3.52
28
26
24
22
20
2
MEAN: 3.62dBm
18
16
14
12
10
9
6
4
3.54
3.56
3.58
3.60
3.62
3.64
3.66
3.68
3.70
3.72
TPC 9. Input 1 dB Compression Point Histogram
fIN = 900 MHz, fOUT = 170 MHz
RECEIVER CHARACTERISTICS (fIN = 900 MHz, fOUT = 170 MHz, fLO = 730 MHz [Figure 24, Tables III and IV])
TEMPERATURE – C
6
0
–40
5
4
3
2
1
0
2040
6080
–20
TPC 10. Gain Performance Over Temperature
fIN = 900 MHz, fOUT = 170 MHz
TEMPERATURE – C
23
15
–40
22
21
20
19
16
0
2040
6080
–20
18
17
TPC 11. Input IP3 Performance Over Temperature
fIN = 900 MHz, fOUT = 170 MHz
TEMPERATURE – C
5.0
2.0
–40
4.5
4.0
3.5
3.0
2.5
0
2040
6080
–20
TPC 12. Input 1 dB Compression Point Performance
Over Temperature fIN = 900 MHz, fOUT = 170 MHz


Número de pieza similar - AD8343ARU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results

Descripción similar - AD8343ARU-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
AD8343ARUZ AD-AD8343ARUZ Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
ADL5801 AD-ADL5801 Datasheet
402Kb / 20P
   High IP3, 10 MHz to 6 GHz, Active Mixer
REV. A
ADL5802 AD-ADL5802_09 Datasheet
790Kb / 32P
   Dual Channel, High IP3, 100 MHz to 6 GHz Active Mixer
REV. 0
logo
Qorvo, Inc
CMD253C3 QORVO-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
   6-14 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
   11-21 GHz High IP3 Fundamental Mixer
logo
Analog Devices
ADL5802 AD-ADL5802 Datasheet
376Kb / 8P
   Dual Channel High-IP3 100MHz-6GHz Active Mixer
REV. PrA
logo
Custom MMIC Design Serv...
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
   16-26 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com