Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD-16AU-1 Datasheet(PDF) 1 Page - PowerDynamics, Inc

No. de pieza PD-16AU-1
Descripción Electrónicos  AS 3112 AUSTRALIAN / NEW ZEALAND ROUND RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERDYNAMICS [PowerDynamics, Inc]
Página de inicio  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-16AU-1 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-16AU-1 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
AS 3112 AUSTRALIAN / NEW ZEALAND
ROUND RECEPTACLE
PD-16AU-1
A
GQ
11/06/01
TD
11/13/01
PB
11/13/01
MATERIAL AND FINISH:
Insulator: PC (Polycarbonate), UL-94V-0 rated, color white
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Rated current: 10A
Rated voltage: 250VAC
Insulation resistance: 100 Mohm min. at 500VDC
Dielectric withstanding voltage: 2000VAC for one minute
10.3
3X 6.9
3X 2.0
Ø38.0±0.2
7.9
Ø33.3
RECOMMENDED
PANEL CUTOUT
14.0
Ø4.4
10.9
(28.8)
APPROVAL:
NSW OFFICE
OF
FAIR TRADING
AUSTRALIA


Número de pieza similar - PD-16AU-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
   AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
More results

Descripción similar - PD-16AU-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PowerDynamics, Inc
PD-16AU POWERDYNAMICS-PD-16AU Datasheet
44Kb / 1P
   AS 3112 AUTRALIAN/NEW ZEALAND SQUARE RECEPTACLE
logo
List of Unclassifed Man...
2106H10C3 ETC2-2106H10C3 Datasheet
903Kb / 43P
   AUSTRALIAN / NEW ZEALAND POWER SUPPLY CORDSET
2155H10C3 ETC2-2155H10C3 Datasheet
377Kb / 2P
   CORDSET - AUSTRALIAN / NEW ZEALAND DETACHABLE POWER SUPPLY CORDSET
VC-1434-21-180 ETC2-VC-1434-21-180 Datasheet
92Kb / 2P
   CORDSET -AUSTRALIAN / NEW ZEALAND DETACHABLE POWER SUPPLY CORD
logo
PowerDynamics, Inc
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
   AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
logo
Ledil, Inc.
CA14745 LEDIL-CA14745 Datasheet
2Mb / 5P
   Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
C14657 LEDIL-C14657 Datasheet
2Mb / 5P
   Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
CA14744 LEDIL-CA14744 Datasheet
2Mb / 5P
   Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
C14656 LEDIL-C14656 Datasheet
2Mb / 6P
   Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
logo
Phihong USA Inc.
PSM03S-050Q-3W-R PHIHONG-PSM03S-050Q-3W-R Datasheet
80Kb / 2P
   2.75W Compact Fixed Blade Charger (Australia/New Zealand) Level V Efficient USB Adapter
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com