Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PD-L520R-B Datasheet(PDF) 1 Page - PowerDynamics, Inc

No. de pieza PD-L520R-B
Descripción Electrónicos  NEMA L5-20R LOCKING RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERDYNAMICS [PowerDynamics, Inc]
Página de inicio  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-L520R-B Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PD-L520R-B Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.13
1 of 1
SHEET
NEMA L5-20R LOCKING RECEPTACLE
-
PD-L520R-B
PB
12/13/10
MATERIAL:
Housing: PBT, color black
Bracket: Brass
Contacts: Brass
ELECTRICAL SPECIFICATIONS:
Rated current: 20A
Rated voltage: 125VAC
APPROVALS:
C R
US
LISTED
Ø39.5±0.5
24.1±1.0
29±1.0
42.5±0.5
66.3±1.0
83.5±0.5
91.5±1.0


Número de pieza similar - PD-L520R-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PowerDynamics, Inc
PD-L520C-B POWERDYNAMICS-PD-L520C-B Datasheet
122Kb / 1P
   NEMA L5-20R CORD CONNECTOR 20A 125VAC; ASSEMBLY TYPE
PD-L520P-B POWERDYNAMICS-PD-L520P-B Datasheet
106Kb / 1P
   ELECTRICAL SPECIFICATIONS
More results

Descripción similar - PD-L520R-B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PowerDynamics, Inc
PD-L620R-B POWERDYNAMICS-PD-L620R-B Datasheet
59Kb / 1P
   NEMA L6-20R LOCKING RECEPTACLE
PD-L1420R-B POWERDYNAMICS-PD-L1420R-B Datasheet
66Kb / 1P
   NEMA L14-20R LOCKING RECEPTACLE
PD-L1520R-B POWERDYNAMICS-PD-L1520R-B Datasheet
65Kb / 1P
   NEMA L15-20R LOCKING RECEPTACLE
PD-L530R-B POWERDYNAMICS-PD-L530R-B Datasheet
64Kb / 1P
   NEMA L5-30R LOCKING RECEPTACLE
logo
Qualtek Electronics Cor...
Q-610 QUALTEK-Q-610 Datasheet
192Kb / 1P
   NEMA L5-15R LOCKING RECEPTACLE
logo
PowerDynamics, Inc
PD-L515R-B POWERDYNAMICS-PD-L515R-B Datasheet
53Kb / 1P
   NEMA L5-15R LOCKING RECEPTACLE
logo
Qualtek Electronics Cor...
Q-810 QUALTEK-Q-810 Datasheet
196Kb / 1P
   NEMA L5-15P LOCKING DEVICE
logo
Tripp Lite. All Rights ...
P046-006-LL TRIPPLITE-P046-006-LL Datasheet
159Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 6 ft. (1.83 m), Black, Locking Connectors
logo
PowerDynamics, Inc
PD-L520C-B POWERDYNAMICS-PD-L520C-B Datasheet
122Kb / 1P
   NEMA L5-20R CORD CONNECTOR 20A 125VAC; ASSEMBLY TYPE
logo
Tripp Lite. All Rights ...
P046-015-LL TRIPPLITE-P046-015-LL Datasheet
160Kb / 3P
   Power Extension Cord, NEMA L5-20P to NEMA L5-20R- Heavy-Duty, 20A, 125V, 12 AWG, 15 ft. (4.57 m), Black, Locking Connectors
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com