Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8400AN50 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD8400AN50
Descripción Electrónicos  1-/2-/4-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8400AN50 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8400AN50 Datasheet HTML 6Page - Analog Devices AD8400AN50 Datasheet HTML 7Page - Analog Devices AD8400AN50 Datasheet HTML 8Page - Analog Devices AD8400AN50 Datasheet HTML 9Page - Analog Devices AD8400AN50 Datasheet HTML 10Page - Analog Devices AD8400AN50 Datasheet HTML 11Page - Analog Devices AD8400AN50 Datasheet HTML 12Page - Analog Devices AD8400AN50 Datasheet HTML 13Page - Analog Devices AD8400AN50 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8400/AD8402/AD8403
–10–
REV. B
FREQUENCY – Hz
10
10k
1M
100k
100
1k
SEE TEST CIRCUIT 33
CODE = 80H
VDD = +5V
TA = +25°C
R = 10k
R = 50k
R = 100k
Figure 20. Normalized Gain Flat-
ness vs. Frequency
FREQUENCY – Hz
0
–6
1k
10k
1M
–30
–36
–42
–12
–24
–18
100k
VIN = 100mV rms
VDD = +5V
RL = 1MΩ
6
12
f–3dB = 125kHz, R = 50kΩ
f–3dB = 700kHz, R = 10kΩ
f–3dB = 71kHz, R = 100kΩ
Figure 23. –3 dB Bandwidths
FREQUENCY – Hz
100k
2M
200k
1M
0
–10
–20
0
–45
–90
400k
4M 6M 10M
VDD = +5V
TA = +25°C
WIPER SET AT
HALF-SCALE 80H
Figure 26. 1 k
Ω Gain and Phase
vs. Frequency
INPUT LOGIC VOLTAGE – Volts
10
1
0.01
05
12
3
4
0.1
TA = +25°C
VDD = +5V
VDD = +3V
Figure 21. Supply Current vs. Logic
Input Voltage
FREQUENCY – Hz
1k
1M
10M
10k
100k
1200
1000
800
600
400
200
0
TA = +25°C
A
B
C
D
A – VDD = 5.5V
CODE = 55H
B – VDD = 3.3V
CODE = 55H
C – VDD = 5.5V
CODE = FFH
D – VDD = 3.3V
CODE = FFH
Figure 24. Supply Current vs.
Clock Frequency
100
1
–55 –35
10
VDD = +5V
–15
5
25
45
65
85
105 125
TEMPERATURE –
°C
Figure 27. Shutdown Current vs.
Temperature
FREQUENCY – Hz
80
0
100
1M
1k
10k
100k
60
40
VDD = +5V DC ± 1V p-p AC
TA = +25°C
CODE = 80H
CL = 10pF
VA = 4V, VB = 0V
20
SEE TEST CIRCUIT
FIGURE 32
Figure 22. Power Supply Rejection
vs. Frequency
VDD
160
0
140
80
60
40
20
120
100
01
6
23
45
TA = +25°C
VDD = +2.7V
VDD = +5.5V
SEE TEST CIRCUIT
FIGURE 36
Figure 25. AD8403 Incremental
Wiper ON Resistance vs. VDD
TEMPERATURE –
°C
1
0.1
0.001
–55 –35
125
–15
5
25
45
65
85
105
0.01
LOGIC INPUT
VOLTAGE = 0, VDD
VDD = +5.5V
VDD = +3.3V
Figure 28. Supply Current vs.
Temperature


Número de pieza similar - AD8400AN50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8400AR1 AD-AD8400AR1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1 AD-AD8400AR1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1-REEL AD-AD8400AR1-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR1-REEL AD-AD8400AR1-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400AR10 AD-AD8400AR10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results

Descripción similar - AD8400AN50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260 Datasheet
859Kb / 20P
   1-/2-Channel 15 V Digital Potentiometers
REV. 0
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com