Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4454-AP Datasheet(PDF) 3 Page - Micro Commercial Components

No. de pieza 1N4454-AP
Descripción Electrónicos  400mW 75 Volt Silicon Epitaxial Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N4454-AP Datasheet(HTML) 3 Page - Micro Commercial Components

  1N4454-AP Datasheet HTML 1Page - Micro Commercial Components 1N4454-AP Datasheet HTML 2Page - Micro Commercial Components 1N4454-AP Datasheet HTML 3Page - Micro Commercial Components 1N4454-AP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


-



!
2


4 "
4 "versus
56&0+'%(0+

0+


'
  
'
 2
-
-



'

-
0+)#++
* ),45 versus
.+ °

-
'


5 


-
'
2

1
1
1-
1'


-
'


3 °
-

'



-

1N4454
MCC
Revision: B
2012/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
www.mccsemi.com
3 of 4


Número de pieza similar - 1N4454-AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N4454-1 CDI-DIODE-1N4454-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4454-1 MICROSEMI-1N4454-1 Datasheet
44Kb / 1P
   COMPUTER DIODE
1N4454-1 MICROSEMI-1N4454-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
1N4454-1 MICROSEMI-1N4454-1 Datasheet
386Kb / 2P
   Silicon Switching Diode DO-35 Glass Package
logo
New Jersey Semi-Conduct...
1N4454-1 NJSEMI-1N4454-1 Datasheet
28Kb / 1P
   COMPUTER DIODES
More results

Descripción similar - 1N4454-AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
1N4454 MCC-1N4454 Datasheet
111Kb / 3P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_13 Datasheet
261Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_12 Datasheet
456Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4454 MCC-1N4454_11 Datasheet
454Kb / 4P
   400mW 75 Volt Silicon Epitaxial Diode
1N4151 MCC-1N4151 Datasheet
77Kb / 3P
   500mW 75 Volt Silicon Epitaxial Diode
1N4150 MCC-1N4150 Datasheet
364Kb / 2P
   500mW 75 Volt Silicon Epitaxial Diode
1N4150 MCC-1N4150_12 Datasheet
536Kb / 3P
   500mW 75 Volt Silicon Epitaxial Diode
DL4454 MCC-DL4454 Datasheet
356Kb / 3P
   Silicon Switching Diode 500 mW 75 Volt
DL4454 MCC-DL4454_11 Datasheet
182Kb / 4P
   Silicon Switching Diode 500 mW 75 Volt
MCL4448 MCC-MCL4448 Datasheet
669Kb / 4P
   500mW 100 Volt Silicon Epitaxial Diode
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com